Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP503HDT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP503HDT
Description  5x5mm SQUARE TOP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP503HDT Datasheet(HTML) 1 Page - Kingbright Corporation

  WP503HDT Datasheet HTML 1Page - Kingbright Corporation WP503HDT Datasheet HTML 2Page - Kingbright Corporation WP503HDT Datasheet HTML 3Page - Kingbright Corporation WP503HDT Datasheet HTML 4Page - Kingbright Corporation WP503HDT Datasheet HTML 5Page - Kingbright Corporation WP503HDT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2628
REV NO: V.2
DATE: MAY/22/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101004892
5x5mm SQUARE TOP LED LAMP
Part Number: WP503HDT
Bright Red
Features

LOW POWER CONSUMPTION.

ULTRA BRIGHTNESS IS AVAILABLE.

WIDE VIEWING ANGLE.

RELIABLE AND RUGGED.

EXCELLENT UNIFORMITY OF LIGHT OUTPUT.

IDEAL AS FLUSH MOUNTED PANEL INDICATORS.

LONG LIFE - SOLID STATE RELIABILITY.

RoHS COMPLIANT.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP503HDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP503GDT KINGBRIGHT-WP503GDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503IDT KINGBRIGHT-WP503IDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503IDT KINGBRIGHT-WP503IDT_15 Datasheet
319Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
More results

Similar Description - WP503HDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1553IDT KINGBRIGHT-WP1553IDT Datasheet
74Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503IDT KINGBRIGHT-WP503IDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
W503GDT KINGBRIGHT-W503GDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
W503YDT KINGBRIGHT-W503YDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553EDT KINGBRIGHT-WP1553EDT Datasheet
75Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP1553GDT KINGBRIGHT-WP1553GDT Datasheet
73Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553HDT KINGBRIGHT-WP1553HDT Datasheet
73Kb / 3P
   5x5mm SQUARE TOP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com