Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A56 Datasheet(PDF) 2 Page - EPCOS

Part # C61157-A7-A56
Description  SAW Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A56 Datasheet(HTML) 2 Page - EPCOS

  C61157-A7-A56 Datasheet HTML 1Page - EPCOS C61157-A7-A56 Datasheet HTML 2Page - EPCOS C61157-A7-A56 Datasheet HTML 3Page - EPCOS C61157-A7-A56 Datasheet HTML 4Page - EPCOS C61157-A7-A56 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
May 09, 2001
SAW Components
B3583
345,00 MHz
Low Loss Filter
Data Sheet
Ceramic package QCC8B
Features
s
RF low-loss filter for remote control receivers
s
Package for Surface Mounted Technology
(SMT)
s
Hermetically sealed ceramic package
s
No matching network required for operation at
50
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,07
Pin configuration
2
Input
1,3
Input Ground
6
Output
5,7
Output Ground
4,8
to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3583
B39351-B3583-Z810
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
TA
–20/+85
˚C
Storage temperature range
Tstg
–45/+90
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source impedance 50


Similar Part No. - C61157-A7-A56

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A56 EPCOS-C61157-A7-A56 Datasheet
73Kb / 6P
   Low Loss Filter
C61157-A7-A56 EPCOS-C61157-A7-A56 Datasheet
81Kb / 6P
   Satellite Receiver Filter
C61157-A7-A56 EPCOS-C61157-A7-A56 Datasheet
114Kb / 9P
   Satellite Receiver Filter
C61157-A7-A56 EPCOS-C61157-A7-A56 Datasheet
63Kb / 6P
   Low Loss Filter for Automotive Telematics
C61157-A7-A56 EPCOS-C61157-A7-A56 Datasheet
105Kb / 4P
   SAW Components Resonator
More results

Similar Description - C61157-A7-A56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com