Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N17 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1N17
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N17 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1N17_06 Datasheet HTML 1Page - Rectron Semiconductor 1N17_06 Datasheet HTML 2Page - Rectron Semiconductor 1N17_06 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
LEAD TEMPERATURE, (
OC)
0.1
0.1
1.0
10
20
0.2
0.4
0.6
0.8
1.0
1.7 1.9
1.3
0.5
0.3
0.9
0.7
1.1
1.5
2.1
175
150
125
100
75
50
25
0
0
20
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( 1N17 THRU 1N19 )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
10
100
80
60
40
20
200
400
10
40
0.4
4
1.0
80
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
10
5
15
25
20
8
6
2
4
10
20
40
80 100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TJ = 25 OC
Pulse Width = 300mS
1% Duty Cycle
1N17
1N18
1N19
TA = 125 OC
TA = 75 OC
TA = 25 OC
TJ = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method


Similar Part No. - 1N17_06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N173BA NJSEMI-1N173BA Datasheet
80Kb / 1P
   1WZENER DIODE
logo
List of Unclassifed Man...
1N1763A ETC1-1N1763A Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
1N1764A ETC1-1N1764A Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
1N1766 NJSEMI-1N1766 Datasheet
71Kb / 1P
   Ref/Reg Diode
1N1783 NJSEMI-1N1783 Datasheet
70Kb / 1P
   Ref/Reg Diode
More results

Similar Description - 1N17_06

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
1N5817 WINGS-1N5817 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SSL20 RECTRON-SSL20 Datasheet
414Kb / 4P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SSL20L RECTRON-SSL20L Datasheet
415Kb / 4P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SM5817 RECTRON-SM5817_07 Datasheet
243Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
SM5817 RECTRON-SM5817_01 Datasheet
27Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com