Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3208-A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP3208-A
Description  PowerMOS transistor TOPFET high side switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3208-A Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP3208-A Datasheet HTML 1Page - NXP Semiconductors PIP3208-A Datasheet HTML 2Page - NXP Semiconductors PIP3208-A Datasheet HTML 3Page - NXP Semiconductors PIP3208-A Datasheet HTML 4Page - NXP Semiconductors PIP3208-A Datasheet HTML 5Page - NXP Semiconductors PIP3208-A Datasheet HTML 6Page - NXP Semiconductors PIP3208-A Datasheet HTML 7Page - NXP Semiconductors PIP3208-A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
PIP3208-A
TOPFET high side switch
DESCRIPTION
QUICK REFERENCE DATA
Monolithic single channel high side
SYMBOL
PARAMETER
MIN.
UNIT
protected power switch in
TOPFET2 technology assembled in
I
L
Nominal load current (ISO)
2
A
a 5 pin plastic package.
APPLICATIONS
SYMBOL
PARAMETER
MAX.
UNIT
General controller for driving
V
BG
Continuous off-state supply voltage
50
V
lamps, motors, solenoids, heaters.
I
L
Continuous load current
6
A
T
j
Continuous junction temperature
150
˚C
R
ON
On-state resistance
T
j = 25˚C
180
m
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Vertical power TrenchMOS
Low on-state resistance
CMOS logic compatible
Very low quiescent current
Overtemperature protection
Load current limiting
Latched overload and
short circuit protection
Overvoltage and undervoltage
shutdown with hysteresis
On-state open circuit load
detection
Diagnostic status indication
Voltage clamping for turn off
of inductive loads
ESD protection on all pins
Reverse battery, overvoltage
and transient protection
Fig.1. Elements of the TOPFET HSS with internal ground resistor.
PINNING - SOT263B-01
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
Ground
2
Input
3
Battery (+ve supply)
4
Status
5
Load
Fig. 2.
Fig. 3.
tab
connected to pin 3
BATT
LOAD
INPUT
GROUND
STATUS
POWER
MOSFET
RG
CONTROL &
PROTECTION
CIRCUITS
12345
MBL267
Front view
mb
mb
B
G
L
I
S
HSS
TOPFET
July 2001
1
Rev 1.000


Similar Part No. - PIP3208-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
   PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
   TOPFET high side switch SMD version
October 2001-Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
More results

Similar Description - PIP3208-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK219-50Y PHILIPS-BUK219-50Y Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001-Rev 2.000
BUK203-50X PHILIPS-BUK203-50X Datasheet
123Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 1 Rev 1.100
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK202-50Y PHILIPS-BUK202-50Y Datasheet
122Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
   PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
BUK223-50Y PHILIPS-BUK223-50Y Datasheet
52Kb / 8P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK210-50Y PHILIPS-BUK210-50Y Datasheet
197Kb / 13P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com