Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFLES0118 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAFLES0118
Description  Broadband CATV Diplexer 5 - 870 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAFLES0118 Datasheet(HTML) 3 Page - Tyco Electronics

  MAFLES0118 Datasheet HTML 1Page - Tyco Electronics MAFLES0118 Datasheet HTML 2Page - Tyco Electronics MAFLES0118 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Function
Pin No.
Common Port
6
Low Pass Port
7
High Pass Port
5
Ground
1-4, 8-12
Not Connected
-
Additional Specifications
Group Delay (nSec)
TYP
MAX
38.5-40 MHz
15ns
18ns
55.25 – 58.75 MHz
15ns
18ns
Pin Configuration
Broadband CATV Diplexer
MAFLES0118
M/A-COM Inc. and it’s affiliates reserve the right to make changes to the product(s)
or information contained herein without notice
Visit www.macom.com for additional data sheets and product information
n North America: Tel. (800) 366-266, Fax (800) 618-8883
n Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298
n Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300
Functional Schematic
SM-145 Case Style


Similar Part No. - MAFLES0118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLES0102 MACOM-MAFLES0102 Datasheet
103Kb / 2P
   CATV Diplexer 5 - 870 MHz
More results

Similar Description - MAFLES0118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
MAFLES0102 MACOM-MAFLES0102 Datasheet
103Kb / 2P
   CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MAFL-011025 MA-COM-MAFL-011025 Datasheet
729Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
   Broadband CATV Diplexer
MAFL-011024 MA-COM-MAFL-011024 Datasheet
730Kb / 5P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com