Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFRIN0453 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAFRIN0453
Description  Single Junction Gull Wing Circulator 950 MHz-956 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAFRIN0453 Datasheet(HTML) 1 Page - Tyco Electronics

  MAFRIN0453 Datasheet HTML 1Page - Tyco Electronics MAFRIN0453 Datasheet HTML 2Page - Tyco Electronics MAFRIN0453 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Junction Gull Wing Circulator
950 MHz—956 MHz
MAFRIN0453
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Version 2
1
Features
• Designed for RFID market
• 22dB Isolation typical
• 0.25dB Insertion Loss
• Low cost package
Description
This circulator is designed specifically for RFID
applications and features high reliability performance
at a low cost. It is in a low cost package ideally
suited for high volume manufacturing. M/A Com is
one of the largest suppliers of isolator and circulators
in the world.
Absolute Maximum Ratings
1. Operation of this device above any one of these parameters may cause permanent damage.
Parameter
Absolute Maximum
Forward Power
100 Watts
Operating Temperature
-10°C to +85°C
Storage Temperature
-40°C to +100°C
Electrical Specifications:
TA = +25°C, Z0 = 50 Ohms
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
Over Top
1
MHz
950
956
Insertion Loss
950 MHz—956 MHz, over Top
dB
0.21
0.25
Isolation
950 MHz—956 MHz, over Top
dB
23.0
29.0
Return Loss
950 MHz—956 MHz, all ports, over Top
dB
23.0
28.0
Circulation
Over Top
CW
1. See “Absolute Maximum Ratings” for Top.


Similar Part No. - MAFRIN0453

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
   Ultra Low Loss Isolator 860 MHz - 894 MHz
MAFRIN0437 MACOM-MAFRIN0437 Datasheet
196Kb / 3P
   Ultra Low Loss Isolator 925 MHz - 960 MHz
MAFRIN0448 MACOM-MAFRIN0448 Datasheet
150Kb / 3P
   Ultra Low Loss Isolator 860 MHz - 960 MHz
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
More results

Similar Description - MAFRIN0453

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFRIN0496 MA-COM-MAFRIN0496 Datasheet
131Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
logo
Tyco Electronics
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0497 MACOM-MAFRIN0497 Datasheet
134Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
Tyco Electronics
MAFRIN0494 MACOM-MAFRIN0494 Datasheet
371Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
MAFRIN0370 MACOM-MAFRIN0370 Datasheet
372Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
logo
M/A-COM Technology Solu...
MAFRIN0494 MA-COM-MAFRIN0494 Datasheet
371Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
MAFRIN0495 MACOM-MAFRIN0495 Datasheet
133Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com