Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG201-63G Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AG201-63G
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG201-63G Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AG201-63G Datasheet HTML 1Page - WJ Communication. Inc. AG201-63G Datasheet HTML 2Page - WJ Communication. Inc. AG201-63G Datasheet HTML 3Page - WJ Communication. Inc. AG201-63G Datasheet HTML 4Page - WJ Communication. Inc. AG201-63G Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 5
April 2006
AG201-63
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Typical Device RF Performance (cont’d)
Supply Bias = +6 V, Rbias = 100 Ω, Icc = 20 mA
Gain vs. Frequency
4
6
8
10
12
14
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3 vs. Frequency
5
10
15
20
25
00.5
11.522.5
3
Frequency(GHz)
-40 C
+25 C
+85 C
Output IP2 vs. Frequency
15
20
25
30
35
0
200
400
600
800
1000
Frequency(MHz)
-40c
+25c
+85c
P1dBvs. Frequency
-10
-5
0
5
10
00.5
11.522.5
3
3.5
4
Frequency (GHz)
-40 C
+25C
+85 C
Noise Figure vs. Frequency
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25 C
+85 C
Typical Device RF Performance
Supply Bias = +8 V, Rbias = 200 Ω, Icc = 20 mA
Gain vs. Frequency
4
6
8
10
12
14
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3 vs. Frequency
5
10
15
20
25
00.511.522.5
3
Frequency(GHz)
-40 C
+25 C
+85 C
Output IP2 vs. Frequency
15
20
25
30
35
0
200
400
600
800
1000
Frequency(MHz)
-40c
+25c
+85c
P1dBvs. Frequency
-10
-5
0
5
10
00.5
11.522.5
3
3.5
4
Frequency (GHz)
-40 C
+25C
+85 C
Noise Figure vs. Frequency
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25 C
+85 C


Similar Part No. - AG201-63G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63G WJCI-AG201-63G Datasheet
504Kb / 6P
   InGaP HBT Gain Block
logo
Qorvo, Inc
AG201-63G QORVO-AG201-63G Datasheet
576Kb / 10P
   InGap HBT Gain Block
More results

Similar Description - AG201-63G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com