Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1-G Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH1-G
Description  High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH1-G Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH1-G Datasheet HTML 1Page - WJ Communication. Inc. AH1-G Datasheet HTML 2Page - WJ Communication. Inc. AH1-G Datasheet HTML 3Page - WJ Communication. Inc. AH1-G Datasheet HTML 4Page - WJ Communication. Inc. AH1-G Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 3 of 5 April 2007
AH1
High Dynamic Range Amplifier
Application Circuit: 800 – 2500 MHz (AH1-PCB)
Typical RF Performance at 25
qC
Frequency
MHz
900
1900
2140
S21 – Gain
dB
14.2
12.2
12.0
S11 – Input R.L.
dB
-21
-14
-21
S22 – Output R.L.
dB
-14
-13
-11
Output P1dB
dBm
+21.7
+22
+22
Output IP3
(+5 dBm / tone, 10 MHz spacing)
dBm
+42
+41
+40
IS-95 Channel Power
(@-45 dBc ACPR, 9 channels fwd)
dBm
+15.5 +16.5
Noise Figure
dB
3.2
3.3
3.3
Device Bias
+5V @ 150mA
C=
ID=
56 pF
C2
C=
ID=
56 pF
C6
C=
ID=
56 pF
C5
L=
ID=
12 nH
C4
L=
ID=
5.6 nH
C3
F0=
EL=
Z0=
0.9 GHz
15.2 Deg
22 Ohm
NET=
ID=
"AH1"
Q1
Vcc = +5 V
All passive components are of size 0603 unless otherwise noted.
configuration.
Component C1 is shown in the silkscreen but is not used for this
Circuit Board Material: .062” total thickness with a .014” FR-4 top RF layer, 4 layers (other
layers added for rigidity), 1 oz copper, 50
: Microstrip line details: width = .025”.
Gain
10
11
12
13
14
15
750
1000
1250
1500
1750
2000
2250
Frequency (MHz)
Return Loss
-30
-25
-20
-15
-10
-5
0
750
1000
1250
1500
1750
2000
2250
Frequency (MHz)
S11
S22
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW, 900 MHz
-70
-60
-50
-40
10
11
12
13
14
15
16
17
Output Channel Power (dBm)
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW, 1900 MHz
-70
-60
-50
-40
10
11
12
13
14
15
16
17
Output Channel Power (dBm)
Gain and Output IP3 vs. Temperature
Frequency = 800, 801 MHz @ Pout =5dBm
10
11
12
13
14
15
-40
-15
10
35
60
85
Temperature (
oC)
40
41
42
43
44
45
Gain
OIP3
P1dB and Noise Figure vs. Temperature
Frequency = 800 MHz
19
20
21
22
23
-40
-15
10
35
60
85
Temperature (
oC)
0
1
2
3
4
P1dB
NF


Similar Part No. - AH1-G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH1-G TRIQUINT-AH1-G Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
More results

Similar Description - AH1-G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
   High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com