Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH31-PCB240 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # AH31-PCB240
Description  High Dynamic Range IF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH31-PCB240 Datasheet(HTML) 6 Page - WJ Communication. Inc.

  AH31-PCB240 Datasheet HTML 1Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 2Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 3Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 4Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 5Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 6Page - WJ Communication. Inc. AH31-PCB240 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 6 of 7 April 2006
AH31
High Dynamic Range IF Amplifier
Product Information
The Communications Edge TM
Broader Bandwidth Reference Designs
The AH31 can be designed to achieve good performance over a broader frequency range (around one octave) by using an
additional L-C matching network at the input. An equalization R-C network can also be added at the output to slightly flatten
out the typical downward slope of the amplifier circuit.
Reference Design: 36 - 56 MHz
CAP
ID=C4
C=10000 pF
CAP
ID=C3
C=12 pF
CAP
ID=C2
C=47 pF
IND
ID=C1
L=220 nH
IND
ID=L1
L=560 nH
IND
ID=L2
L=560 nH
CAP
ID=C5
C=10000 pF
RES
ID=R1
R=3.3 Ohm
SUBCKT
ID=S1
NET="AH31"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+5V
30
35
40
45
50
55
60
Frequency (MHz)
S-Parameters
16
17
18
19
20
21
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
DB(|S(2,1)|) (L)
Reference Design: 45 - 90 MHz
CAP
ID=C4
C=10000 pF
IND
ID=L1
L=330 nH
CAP
ID=C3
C=10 pF
CAP
ID=C2
C=33 pF
IND
ID=C1
L=120 nH
IND
ID=L2
L=330 nH
CAP
ID=C5
C=10000 pF
RES
ID=R1
R=3.3 Ohm
RES
ID=R2
R=20 Ohm
CAP
ID=C7
C=180 pF
SUBCKT
ID=S1
NET="AH31"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+5 V
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Frequency (GHz)
S-Parameters
14
15
16
17
18
19
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: 65 - 165 MHz
CAP
ID=C4
C=10000 pF
IND
ID=L1
L=180 nH
CAP
ID=C3
C=3.9 pF
CAP
ID=C2
C=15 pF
IND
ID=C1
L=100 nH
IND
ID=L2
L=330 nH
CAP
ID=C5
C=10000 pF
RES
ID=R1
R=3.3 Ohm
SUBCKT
ID=S1
NET="AH31"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+5V
0.06
0.08
0.1
0.12
0.14
0.16
0.18
Frequency (GHz)
S-Parameters
15
16
17
18
19
20
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: 80 - 200 MHz
CAP
ID=C4
C=10000 pF
IND
ID=L1
L=150 nH
CAP
ID=C2
C=2.7 pF
CAP
ID=C1
C=12 pF
IND
ID=C1
L=82 nH
IND
ID=L2
L=330 nH
CAP
ID=C5
C=10000 pF
RES
ID=Rs1
R=3.3 Ohm
SUBCKT
ID=S1
NET="AH31"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
+5V
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
Frequency (GHz)
S-Parameters
15
16
17
18
19
20
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)


Similar Part No. - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31-PCB240 ETC-AH31-PCB240 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-PCB240 WJCI-AH31-PCB240 Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com