Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH118-89G Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AH118-89G
Description  쩌 Watt, High Linearity InGaP HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH118-89G Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AH118-89G Datasheet HTML 1Page - WJ Communication. Inc. AH118-89G Datasheet HTML 2Page - WJ Communication. Inc. AH118-89G Datasheet HTML 3Page - WJ Communication. Inc. AH118-89G Datasheet HTML 4Page - WJ Communication. Inc. AH118-89G Datasheet HTML 5Page - WJ Communication. Inc. AH118-89G Datasheet HTML 6Page - WJ Communication. Inc. AH118-89G Datasheet HTML 7Page - WJ Communication. Inc. AH118-89G Datasheet HTML 8Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 8 December 2006
AH118
¼ Watt, High Linearity InGaP HBT Amplifier
Product Features
60 – 3500 MHz
+24.7 dBm P1dB
+40.5 dBm Output IP3
20.4 dB Gain @ 900 MHz
16.5 dB Gain @ 1900 MHz
+5V Single Positive Supply
Lead-free/Green/RoHS-
compliant SOT-89 Package
Applications
Final stage amplifiers for
Repeaters
Mobile Infrastructure
DBS / WLL / W-LAN
Defense / Homeland Security
Product Description
The AH118 is a high dynamic range driver amplifier in a
low-cost surface mount package. The InGaP/GaAs HBT is
able to achieve high performance across a broad range with
+40.5 dBm OIP3 and +24.7 dBm of compressed 1dB
power. The AH118 is available in a lead-free/green/RoHS-
compliant SOT-89 package. All devices are 100% RF and
DC tested.
The AH118 is targeted for use as a driver amplifier in
wireless infrastructure where high linearity and medium
power is required. Internal biasing allows the AH118 to
maintain high linearity over temperature and operate
directly off a single +5V supply. This combination makes
the device an excellent candidate for transceiver line cards
in current and next generation multi-carrier 3G base
stations.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
Function
Pin No.
Input / Base
1
Output / Collector
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
60
3500
Test Frequency
MHz
1900
Gain
dB
13.5
16.5
Input Return Loss
dB
12
Output Return Loss
dB
20
Output P1dB
dBm
+23
+24.7
Output IP3
(2)
dBm
+39.5
+40.5
IS-95A Channel Power
@ -45 dBc ACPR
dBm
+18
wCDMA Channel Power
@ -45 dBc ACLR, 2140 MHz
dBm
+16.7
Noise Figure
dB
4.3
Operating Current Range
mA
140
160
175
Device Voltage
V
+5
1. Test conditions unless otherwise noted: 25ºC, Vsupply = +5 V, in tuned application circuit.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-65 to +150 °C
RF Input Power (continuous)
+15 dBm
Device Voltage
+6 V
Device Current
220 mA
Junction Temperature
+250 °C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(3)
Parameter
Units
Typical
Frequency
MHz
900
1900
2140
S21 - Gain
dB
20.4
16.5
16.3
S11 - Input R.L.
dB
-15
-12
-15
S22 - Output R.L.
dB
-12
-20
-16
Output P1dB
dBm
+24.2
+24.7
+24.7
Output IP3
dBm
+40
+40.5
+40.5
IS-95A Channel Power
@ -45 dBc ACPR,
dBm
+18.2
+18
wCDMA Channel Power
@ -45 dBc ACLR
dBm
+16.7
Noise Figure
dB
4.0
4.3
4.8
Supply Bias
+5 V @ 160 mA
3. Typical parameters reflect performance in a tuned application circuit:
Vsupply = +5 V, 160 mA,
+25 °C
Ordering Information
Part No.
Description
AH118-89G
High Linearity InGaP HBT Amplifier
(lead-free/green/RoHS-compliant SOT-89 package)
AH118-89PCB900
900 MHz Evaluation Board
AH118-89PCB1900
1900 MHz Evaluation Board
AH118-89PCB2140
2140 MHz Evaluation Board


Similar Part No. - AH118-89G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH118-89G WJCI-AH118-89G Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118-89G TRIQUINT-AH118-89G Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH118-89G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114_06 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118 WJCI-AH118 Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118 Datasheet
843Kb / 14P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
SCG015 WJCI-SCG015_06 Datasheet
203Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com