Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASYVS0006-1950 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASYVS0006-1950
Description  Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASYVS0006-1950 Datasheet(HTML) 3 Page - Tyco Electronics

  MASYVS0006-1950 Datasheet HTML 1Page - Tyco Electronics MASYVS0006-1950 Datasheet HTML 2Page - Tyco Electronics MASYVS0006-1950 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Synthesizer , SMT
1920 — 2000 MHz, 100 & 200 kHz
M/A-COM Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without noti ce. M/A-
COM makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does M/A-
COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
MASYVS0006-1950
Recommended PCB Layout
Outline Drawing


Similar Part No. - MASYVS0006-1950

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275B MACOM-MASYVS0006-2275B Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275R MACOM-MASYVS0006-2275R Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275T MACOM-MASYVS0006-2275T Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
More results

Similar Description - MASYVS0006-1950

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0061-1066 MACOM-MASYVS0061-1066 Datasheet
196Kb / 3P
   Synthesizer , SMT 1046 - 1085 MHz, 200 kHz
logo
Micronetics, Inc.
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 2000 MHz
logo
Tyco Electronics
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Tyco Electronics
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
   Synthesizer , SMT 400 MHz
PA38 MACOM-PA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
logo
Tyco Electronics
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
   SPDT RF Switch 200 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com