Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASYVS0006-1950T Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASYVS0006-1950T
Description  Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASYVS0006-1950T Datasheet(HTML) 1 Page - Tyco Electronics

  MASYVS0006-1950T Datasheet HTML 1Page - Tyco Electronics MASYVS0006-1950T Datasheet HTML 2Page - Tyco Electronics MASYVS0006-1950T Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Synthesizer , SMT
1920 — 2000 MHz, 100 & 200 kHz
M/A-COM Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without noti ce. M/A-
COM makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does M/A-
COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
MASYVS0006-1950
Features
♦ Fully Integrated VCO, PLL, Loop Filter
♦ High Performance, Low Cost
♦ Miniature SMT Package (LSM6)
Description
This synthesizer design integrates a high performance VCO, PLL,
IC and discrete loop filter in a surface mount package. This SMT
package provides electrical shielding, easy PCB assembly and re-
peatable performance. The synthesizer is designed for use in wire-
less base stations.
M/A-COM synthesizers are manufactured in an ISO9001 certified
facility, incorporating surface mount assembly and automated elec-
trical testing. This ensures consistent electrical performance and
quality over volume production quantities.
Electrical Specifications
1:
TA = +25°C, Z0 = 50 Ohms, Vcc1 = 5V, Vcc2 = 3.3V.
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
Over Top 2
MHz
1920
2000
RF Output Power
Over Top 2
dBm
-3.0
+3.0
Phase Noise
SSB at 100 Hz offset from carrier
SSB at 1 kHz offset from carrier
SSB at 10 kHz offset from carrier
SSB at 100 kHz offset from carrier
SSB at 1.0 MHz offset from carrier
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
-65
-65
-90
-118
-138
Integrated Phase Noise
100 Hz to 1 MHz bandwidth
Degree
1.2
Harmonic Suppression
dBc
-15
Spurious Suppression
(Non-Harmonic)
Phase comparison frequency
( ± 100 kHz or ± 200 kHz)
dBc
-65
Reference breakthrough ( ± 10 MHz)
dBc
-90
Frequency Lock Time
Over Fout , Measured to within ± 50 Hz
ms
50
VCO Supply Current (ICC1)
Recommended operating condition
mA
25
30
PLL Supply Current (ICC2)
Recommended operating condition
mA
6
10
VCO Power Supply (VCC1)
Recommended operating condition
V
+4.75
+5.00
+5.25
PLL Power Supply (VCC2)
Recommended operating condition
V
+2.85
+3.30
+3.45
1. All specification limits are indicated values @ +25 ºC and apply over Fout unless otherwise stated.
2. Top = -40ºC to +85ºC operating temperature.
Rev: F


Similar Part No. - MASYVS0006-1950T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275B MACOM-MASYVS0006-2275B Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275R MACOM-MASYVS0006-2275R Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-2275T MACOM-MASYVS0006-2275T Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
More results

Similar Description - MASYVS0006-1950T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0061-1066 MACOM-MASYVS0061-1066 Datasheet
196Kb / 3P
   Synthesizer , SMT 1046 - 1085 MHz, 200 kHz
logo
Micronetics, Inc.
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 2000 MHz
logo
Tyco Electronics
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Tyco Electronics
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
   Synthesizer , SMT 400 MHz
PA38 MACOM-PA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
logo
Tyco Electronics
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
   SPDT RF Switch 200 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com