Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASYVS0061-1066T Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASYVS0061-1066T
Description  Synthesizer , SMT 1046 - 1085 MHz, 200 kHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASYVS0061-1066T Datasheet(HTML) 2 Page - Tyco Electronics

  MASYVS0061-1066T Datasheet HTML 1Page - Tyco Electronics MASYVS0061-1066T Datasheet HTML 2Page - Tyco Electronics MASYVS0061-1066T Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Synthesizer , SMT
1046 — 1085 MHz, 200 kHz
M/A-COM Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without notice. M/A-
COM makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does M/A-
COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
MASYVS0061-1066
Electrical Specifications
1: (cont’d)
Parameter
Test Conditions
Units
Min
Typ
Max
Step Size (
∆F)
Recommended operating limit
kHz
200
Reference Frequency (FR)
1.0 V pp ± 0.2V square wave with input filter
MHz
10
100
PLL Programming
3-wire serial CMOS IAW ADF4113, Charge Pump 5 mA
Logic high = VCC2 x 0.8 Min and Logic low = VCC2 x 0.2 Max
PLL Lock Monitor Output
Locked = VCC2 - 0.4 Min , Unlocked = 0.4V Max
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VCC1
8
GND
2
GND
9
Lock Detect
3
REF I/P
10
Clock
4
GND
11
Data
5
VCC2
12
Load Enable
6
GND
13
GND
7
RF O/P
14
GND
Absolute Maximum Ratings
TA = +25°C
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Static sensitive, observe appropriate handling precautions.
Parameter
Absolute Maximum
VCO Supply Voltage (VCC1)
-0.3V to 6.5 V
PLL Supply Voltage (VCC1)
-0.3V to 6.5 V
Reference Frequency Level
-0.3V to 6.5 V
Data, Clock, Strobe
Voltages
-0.3V to Vcc + 0.3 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-45°C to +120°C
Solder Assembly
Temperature
See App Note M2032
Environmental Specifications
Devices are designed to function after exposure to the
shock, vibration, thermal shock and moisture conditions
typically encountered in base station and other infra-
structure environments.
Functional Block Diagram
1. The diagram above shows a typical application.
2. The Reference input and RF output are internally AC cou-
pled.
3. The diagram applies when digital lock detect is selected. For
analog open-drain mode, a filter is required. See AN3003 for
design information.
Ordering Information
Part Number
Package
Bulk Packaging
Tape and Reel (300/Reel)
1
Reverse Tape and Reel
(300/Reel)
1
1. See application note M513.
MASYVS0061-1066 B
MASYVS0061-1066 T
MASYVS0061-1066 R


Similar Part No. - MASYVS0061-1066T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-1950 MACOM-MASYVS0006-1950 Datasheet
120Kb / 3P
   Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
MASYVS0006-1950B MACOM-MASYVS0006-1950B Datasheet
120Kb / 3P
   Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
MASYVS0006-1950R MACOM-MASYVS0006-1950R Datasheet
120Kb / 3P
   Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
MASYVS0006-1950T MACOM-MASYVS0006-1950T Datasheet
120Kb / 3P
   Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
More results

Similar Description - MASYVS0061-1066T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASYVS0006-2275 MACOM-MASYVS0006-2275 Datasheet
120Kb / 3P
   Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
MASYVS0006-1950 MACOM-MASYVS0006-1950 Datasheet
120Kb / 3P
   Synthesizer , SMT 1920 - 2000 MHz, 100 & 200 kHz
MAVC-060103-132100 MACOM-MAVC-060103-132100 Datasheet
197Kb / 3P
   Synthesizer , SMT 2055 - 2265 MHz, 1000 kHz
MAVC-060103-132600 MACOM-MAVC-060103-132600 Datasheet
197Kb / 3P
   Synthesizer , SMT 2496 - 2700 MHz, 1000 kHz
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
   Synthesizer , SMT 400 MHz
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
   Legacy 200 kHz to 2 MHz
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
logo
Tyco Electronics
M222 MACOM-M222 Datasheet
120Kb / 2P
   Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
   190 MHz Bandpass Filter 200 kHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com