Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XF101 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XF101
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XF101 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XF101 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XF101 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Line-up of Plated Termination
Resistance
at 25
°C
B-Constant
Part Number
B-Constant
Part Number
B-Constant
Part Number
B-Constant
Part Number
11 ohm
22 ohm
33 ohm
47 ohm
68 ohm
100 ohm
150 ohm
220 ohm
330 ohm
470 ohm
680 ohm
1.0k ohm
1.5k ohm
2.2k ohm
3.3k ohm
4.7k ohm
6.8k ohm
10k ohm
15k ohm
22k ohm
33k ohm
47k ohm
68k ohm
100k ohm
150k ohm
220k ohm
330k ohm
470k ohm
680k ohm
1.0M ohm
P/N in End
Packaging
NCP03YS110*
NCP03YS220*
NCP03YS330*
NCP03YS470*
NCP03YS680*
NCP03YS101*
NCP03XC151*
NCP03XC221*
NCP03XC331*
NCP03XC471*
NCP03XC681*
NCP03XM102*
NCP03XM152*
NCP03XM222*
NCP03XM332*
NCP03XM472*
NCP03XH682*
NCP03XH103*
NCP03XH153*
NCP03XH223*
NCP03WF333*
NCP03WB473*
NCP03WF683*
NCP03WF104*
-
-
NCP03WQ334*
NCP03WQ474*
NCP03WQ684*
NCP03WQ105*
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4485 K
4485 K
4485 K
4485 K
4485 K
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
NCP03WL473*
NCP03WL683*
NCP03WL104*
NCP03WL154*
NCP03WL224*
-
-
-
-
-40 to +125
°C
Approx. 1.0 mW/
°C
05RL
15 kpcs./reel
-
2750 K
2750 K
2750 K
2750 K
2750 K
2750 K
( 3100 K
( 3100 K
( 3100 K
( 3100 K
( 3100 K
( 3500 K
( 3500 K
( 3500 K
( 3500 K
( 3500 K
3380 K
3380 K
3380 K
3380 K
4250 K
4050 K
4250 K
4250 K
-
-
( 4750 K
( 4750 K
( 4750 K
( 4750 K
0201 NCP03
-
3100 K
3100 K
3100 K
3100 K
3250 K
3250 K
3500 K
3500 K
3650 K
3650 K
3650 K
3950 K
3950 K
3950 K
3500 K
3950 K
3380 K
3950 K
3950 K
4050 K
4050 K
4150 K
4250 K
4500 K
4500 K
-
4500 K
-
-
-
NCP15XC220*
NCP15XC330*
NCP15XC470*
NCP15XC680*
NCP15XF101*
NCP15XF151*
NCP15XM221*
NCP15XM331*
NCP15XQ471*
NCP15XQ681*
NCP15XQ102*
NCP15XW152*
NCP15XW222*
NCP15XW332*
NCP15XM472*
NCP15XW682*
NCP15XH103*
NCP15XW153*
NCP15XW223*
NCP15WB333*
NCP15WB473*
NCP15WD683*
NCP15WF104*
NCP15WM154*
NCP15WM224*
-
NCP15WM474*
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3900 K
-
4485 K
4485 K
4485 K
4485 K
4485 K
4485 K
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
NCP15XV103*
-
NCP15WL223*
NCP15WL333*
NCP15WL473*
NCP15WL683*
NCP15WL104*
NCP15WL154*
-
-
-
-
-
-40 to +125
°C
Approx. 1.0 mW/
°C
03RC
10 kpcs./reel
-
Done
0402 NCP15
Operating
Temp.
Dissipation
Constant
Certified
UL1434
Recommended types
Coming soon!
* Resistance tolerance codes: F=
±1%, E=±3%, J=±5%, K=±10%
10k ohm, 47k ohm, 100k ohm type have Tight Tolerance Type (
±1%: NCP18XH103F03RB, NCP15XH103F03RC, NCP18WB473F10RB, NCP15WB473F03RC,
NCP18WF104F12RB, NCP15WF104F03RC)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP15XF101

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XF10103RC MURATA-NCP15XF10103RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XF10103RC MURATA-NCP15XF10103RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XF10103RC MURATA-NCP15XF10103RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP15XF10103RC MURATA-NCP15XF10103RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15XF101E03RC MURATA-NCP15XF101E03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XF101

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com