Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15WL473 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NCP15WL473
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15WL473 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15WL473 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15WL473 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Markets & Applications for Overcurrent Protection
Chip NTC Thermistor NCP series
Chip Resistor
Fuse Resistor
Chip Resistor
---
PRG
Note PC
PDA
Rechargeable
Battery
Current Limitation & Overcurrent
Protection for Trickle Charging Circuit
<Product / Use>
<POSISTORr Function>
<Competitive Devices>
Current Limitation & Overcurrent
Protection for Control IC
Short-circuit Protection
for Signal Line
Short-circuit Protection
for LCD Drive Module
Overcurrent Protection
Overcurrent Protection
for Output Circuit
Overcurrent Protection
Short-circuit Protection
for Optical Sensor Driver
Mother Board
et Al.
LCD
DC-DC Converter
DC-DC Converter
Signal Line
Optical Sensor
TV Game
Power Supply
Car Audio
Undefined
Circuit Using Tr
Circuit Using Tr
Leaded PTC
---
1. A common relationship between Resistance and
B constant in all sizes (0201/ 0402/ 0603/ 0805)
offers convenience when downsizing.
2. No lead contained (Pb free).
3. Tight resistance tolerance of
±1% (Code F)
available on 10k ohm (0402, 0603), 47k ohm (0603)
and 100k ohm (0603) products.
4. High soldering heat resistant
5. High humidity resistant due to unique inner
electrodes.
Silver Alloy
Nickel Plating
Tin Plating
NTC
Ceramic
Structure NCP Plated Terminations
NCP03
(0201 size)
NCP15
(0402 size)
NCP18
(0603 size)
NCP21
(0805 size)
L
W
T
e
0.60
±0.03
0.3
±0.03
0.10-0.20
1.00
±0.05
0.50
±0.05
0.15-0.35
1.60
±0.15
0.80
±0.15
0.20-0.60
2.00
±0.20
1.25
±0.20
0.85
±0.15
0.20-0.70
L
e
T
W
e
Dimensions
(in mm)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - NCP15WL473

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15WL47303RC MURATA-NCP15WL47303RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15WL473E03RC MURATA-NCP15WL473E03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15WL473E03RC MURATA-NCP15WL473E03RC Datasheet
210Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP15WL473E03RC MURATA1-NCP15WL473E03RC Datasheet
563Kb / 3P
   NTC Thermistors
10/11/2022
NCP15WL473E03RC MURATA1-NCP15WL473E03RC Datasheet
608Kb / 3P
   NTC for Temperature Sensor
12/18/2023
More results

Similar Description - NCP15WL473

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com