Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-311-PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-311-PIN
Description  Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-311-PIN Datasheet(HTML) 3 Page - Tyco Electronics

  SW-311-PIN Datasheet HTML 1Page - Tyco Electronics SW-311-PIN Datasheet HTML 2Page - Tyco Electronics SW-311-PIN Datasheet HTML 3Page - Tyco Electronics SW-311-PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
!
"
# #
$
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
% &
(
3 5
6
7*
8
3 5
,
6
1'
?@
1'' ('''
?@
E*. B
E(/ B
7
2
2
2
E1 12
& 12
2
1
' 12! 2
E' 12
$
11:
E0*1:
7
$
)1:
E01':
(
>,
"
/
"
1
7
7 $$3
!
9
6
"
%
!
!
: 1
=
>74
"
"
6
>74
A
"
4
4
#!;
)
!;
.
6 .
6 /
'
8
0
++
'
0'
*'
('
/'
1'
)'
.'
&'
' '
' 1
0'
01
* '
* 1
(
0
1 #< 9 =)
' K $$33
L0 K $$3?
41
:
'
' 1
0
01
*
' '
' 1
0'
01
* '
* 1
(
0
1 #< 9 =)
' (%&
' /%&
? %%&
0''
0*'
0/'
0)'
0&'
* ''
' '
' 1
0'
01
* '
* 1
(
0
1 #< 9 =)
@ !A 6
@ !A 6


Similar Part No. - SW-311-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-311-PIN MA-COM-SW-311-PIN Datasheet
105Kb / 4P
   Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW-311-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-313 MACOM-SW-313 Datasheet
220Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW05-0311 MA-COM-SW05-0311 Datasheet
107Kb / 4P
   Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com