Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD2118XEM-70 Datasheet(PDF) 11 Page - SPANSION

Part # MB84VD2118XEM-70
Description  Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD2118XEM-70 Datasheet(HTML) 11 Page - SPANSION

Back Button MB84VD2118XEM-70 Datasheet HTML 7Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 8Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 9Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 10Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 11Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 12Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 13Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 14Page - SPANSION MB84VD2118XEM-70 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MB84VD2118XEM/2119XEM-70
11
(Continued)
* 1 : The ICC current listed includes both the DC operating current and the frequency dependent component.
*2 : ICC active while Embedded Algorithm (program or erase) is in progress.
*3 : Automatic sleep mode enables the low power mode when address remain stable for 150 ns.
*4 : Applicable for only VCCf applying.
*5 : Embedded Alogorithm (program or erase) is in progress. (@5 MHz)
Parameter
Symbol
Test Conditions
Value
Unit
Min
Typ
Max
Input Low Level
VIL
–0.3
0.5
V
Input High Level
VIH
—2.4
VCC+0.3
V
Voltage for Sector
Protection, and Temporary
Sector Unprotection
(RESET) *4
VID
11.5
12.5
V
Voltage for Program
Acceleration (WP/ACC) *4
VACC
—8.5
9.0
9.5
V
SRAM Output Low Level
VOL
VCCs = VCCs Min, IOL=4.0 mA
0.45
V
SRAM Output High Level
VOH
VCCs = VCCs Min, IOH=–0.5 mA
2.4
V
Flash Output Low Level
VOL
VCCf = VCCf Min, IOL=4.0 mA
0.4
V
Flash Output High Level
VOH
VCCf = VCCf Min, IOH=–0.5 mA
2.4
V
Flash Low VCCf Lock-Out
Voltage
VLKO
—2.3
2.5
V


Similar Part No. - MB84VD2118XEM-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2118XA FUJITSU-MB84VD2118XA Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
More results

Similar Description - MB84VD2118XEM-70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com