Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22184FM-70 Datasheet(PDF) 7 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 7 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 3Page - SPANSION MB84VD22184FM-70 Datasheet HTML 4Page - SPANSION MB84VD22184FM-70 Datasheet HTML 5Page - SPANSION MB84VD22184FM-70 Datasheet HTML 6Page - SPANSION MB84VD22184FM-70 Datasheet HTML 7Page - SPANSION MB84VD22184FM-70 Datasheet HTML 8Page - SPANSION MB84VD22184FM-70 Datasheet HTML 9Page - SPANSION MB84VD22184FM-70 Datasheet HTML 10Page - SPANSION MB84VD22184FM-70 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
MB84VD22184FM/VD22194FM-70
7
s ABSOLUTE MAXIMUM RATINGS
*1 : Minimum DC voltage on input or I/O pins is –0.3 V. During voltage transitions, input or I/O pins may undershoot
VSS to –1.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCCf+0.3 V or
VCCs+0.4 V. During voltage transitions, input or I/O pins may overshoot to VCCf+1.0 V or VCCs + 1.0 V for periods
of up to 20 ns.
*2 : Minimum DC input voltage on RESET pin is –0.5 V. During voltage transitions, RESET pins may undershoot
VSS to –2.0 V for periods of up to 20 ns. Voltage difference between input and supply voltage (VIN-VCCf or VCCs)
does not exceed
+9.0 V. Maximum DC input voltage on RESET pins is +13.0 V which may overshoot to
+14.0 V for periods of up to 20 ns.
*3 : Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may undershoot
Vss to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin is +10.5 V which may
overshoot to +12.0 V for periods of up to 20 ns, when VCCf is applied.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Note: Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–30
+85
°C
Voltage with Respect to Ground All pins
except RESET, WP/ACC *1
VIN, VOUT
–0.3
VCCf + 0.3
V
VCCs + 0.4
V
VCCf/VCCs Supply *1
VCCf, VCCs
–0.3
+3.3
V
RESET *2
VIN
–0.5
+13.0
V
WP/ACC *3
VIN
–0.5
+10.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
TA
–30
+85
°C
VCCf/VCCs Supply Voltages
Vccf, Vccs
+2.7
+3.1
V


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com