Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD22191FM-70 Datasheet(PDF) 1 Page - SPANSION

Part # MB84VD22191FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22191FM-70 Datasheet(HTML) 1 Page - SPANSION

  MB84VD22191FM-70 Datasheet HTML 1Page - SPANSION MB84VD22191FM-70 Datasheet HTML 2Page - SPANSION MB84VD22191FM-70 Datasheet HTML 3Page - SPANSION MB84VD22191FM-70 Datasheet HTML 4Page - SPANSION MB84VD22191FM-70 Datasheet HTML 5Page - SPANSION MB84VD22191FM-70 Datasheet HTML 6Page - SPANSION MB84VD22191FM-70 Datasheet HTML 7Page - SPANSION MB84VD22191FM-70 Datasheet HTML 8Page - SPANSION MB84VD22191FM-70 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
DS05-50229-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM
CMOS
32M (
×16) FLASH MEMORY &
4M (
×16) STATIC RAM
MB84VD22181FM-70/MB84VD22191FM-70
s
s
s
s FEATURES
• Power Supply Voltage of 2.7 V to 3.1 V
• High Performance
70 ns maximum access time (Flash)
70 ns maximum access time (SRAM)
• Operating Temperature
–30
°C to +85 °C
• Package 56-ball FBGA
(Continued)
s
s
s
s PRODUCT LINE UP
Note: Both VCCf and VCCs must be in recommended operation range when either part is being accessed.
s
s
s
s PACKAGE
Part No.
MB84VD22181FM/VD22191FM
Supply Voltage(V)
VCCf= 3.0 V
VCCs= 3.0 V
Max Address Access Time (ns)
70
70
Max CE Access Time (ns)
70
70
Max OE Access Time (ns)
30
35
56-ball plastic FBGA
(BGA-56P-M03)
+0.1 V
–0.3 V
+0.1 V
–0.3 V


Similar Part No. - MB84VD22191FM-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22191EC FUJITSU-MB84VD22191EC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22191EC-90 FUJITSU-MB84VD22191EC-90 Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22191EC-90-PBS FUJITSU-MB84VD22191EC-90-PBS Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22191EE FUJITSU-MB84VD22191EE Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22191EE-90 FUJITSU-MB84VD22191EE-90 Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
More results

Similar Description - MB84VD22191FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com