Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD23481FJ-70 Datasheet(PDF) 3 Page - SPANSION

Part # MB84VD23481FJ-70
Description  64 M (횞16) FLASH MEMORY & 32 M (횞16) Mobile FCRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD23481FJ-70 Datasheet(HTML) 3 Page - SPANSION

  MB84VD23481FJ-70 Datasheet HTML 1Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 2Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 3Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 4Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 5Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 6Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 7Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 8Page - SPANSION MB84VD23481FJ-70 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
MB84VD23481FJ-70
3
(Continued)
•••• FCRAMTM *3
• Power Dissipation
Operating : 25 mA Max
Standby
: 100
µA Max
• Power Down Mode
Sleep
: 10
µA Max
NAP
: 60
µA Max
8M Partial : 70
µA Max
• Power Down Control by CE2r
• Byte Write Control: LB(DQ7 to DQ0), UB(DQ15 to DQ8)
• 8 words Address Access Capability
*1 : FlexBankTM is a trademark of Fujitsu Limited, Japan.
*2 : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.
*3 : FCRAMTM is a trademark of Fujitsu Limited, Japan.


Similar Part No. - MB84VD23481FJ-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD23180FM-70PBS SPANSION-MB84VD23180FM-70PBS Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90 FUJITSU-MB84VD23280EA-90 Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
MB84VD23280EA-90-PBS FUJITSU-MB84VD23280EA-90-PBS Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD23481FJ-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23581FJ-70 SPANSION-MB84VD23581FJ-70 Datasheet
849Kb / 56P
   64 M ( x 16) FLASH MEMORY & 64 M ( x 16) Mobile FCRAM
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
logo
Fujitsu Component Limit...
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
logo
Numonyx B.V
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Fujitsu Component Limit...
MB82DBS04163C FUJITSU-MB82DBS04163C Datasheet
557Kb / 62P
   MEMORY Mobile FCRAMTM CMOS 64 M Bit (4 M word횞16 bit) Mobile Phone Application Specific Memory
logo
Numonyx B.V
M58WT032KT NUMONYX-M58WT032KT Datasheet
2Mb / 117P
   32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com