Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F160TE70 Datasheet(PDF) 8 Page - SPANSION

Part # MBM29F160TE70
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F160TE70 Datasheet(HTML) 8 Page - SPANSION

Back Button MBM29F160TE70 Datasheet HTML 4Page - SPANSION MBM29F160TE70 Datasheet HTML 5Page - SPANSION MBM29F160TE70 Datasheet HTML 6Page - SPANSION MBM29F160TE70 Datasheet HTML 7Page - SPANSION MBM29F160TE70 Datasheet HTML 8Page - SPANSION MBM29F160TE70 Datasheet HTML 9Page - SPANSION MBM29F160TE70 Datasheet HTML 10Page - SPANSION MBM29F160TE70 Datasheet HTML 11Page - SPANSION MBM29F160TE70 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
MBM29F160TE70/90/MBM29F160BE70/90
8
MBM29F160TE/BE Standard Command Definitions Table
*1 : Address bits A19 to A11 = X = “H” or “L” for all address commands except or Program Address (PA) and
Sector Address (SA).
*2 : Bus operations are defined in “MBM29F160TE/BE User Bus Operation Tables (BYTE = VIH and BYTE = VIL)”.
*3 : RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of
the WE pulse.
SA = Address of the sector to be erased. The combination of A19, A18, A17, A16, A15, A14, A13 and A12 will
uniquely select any sector.
*4 : RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE.
*5 : The system should generate the following address patterns:
Word Mode: 555h or 2AAh to addresses A10 to A0
Byte Mode: AAAh or 555h to addresses A10 to A-1
*6 : Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
Note : The command combinations not described in “MBM29F160TE/BE Standard Command Definitions Table”
and “MBM29F160TE/BE Extended Command Definitions Table” are illegal.
Command
Sequence *1, 2, 3, 5
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset *6
Word
/Byte
1
XXXh F0h
RA
RD
——————
Read/Reset *6
Word
3
555h
AAh
2AAh
55h
555h
F0h
RA
RD
Byte
AAAh
555h
AAAh
Autoselect
Word
3
555h
AAh
2AAh
55h
555h
90h
Byte
AAAh
555h
AAAh
Byte/Word
Program *3, 4
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
Byte
AAAh
555h
AAAh
Chip Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Byte
AAAh
555h
AAAh
AAAh
555h
AAh
Sector Erase *3
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
Sector Erase
Suspend
Word
/Byte
1
Erase can be suspended during sector erase with addr. (“H” or “L”). Data (B0h)
Sector Erase
Resume
Word
/Byte
1
Erase can be resumed after suspend with addr. (“H” or “L”). Data (30h)


Similar Part No. - MBM29F160TE70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55 FUJITSU-MBM29F160TE-55 Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55PFTN FUJITSU-MBM29F160TE-55PFTN Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55PFTR FUJITSU-MBM29F160TE-55PFTR Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55TN FUJITSU-MBM29F160TE-55TN Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
More results

Similar Description - MBM29F160TE70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com