Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F160TE70TR Datasheet(PDF) 3 Page - SPANSION

Part # MBM29F160TE70TR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F160TE70TR Datasheet(HTML) 3 Page - SPANSION

  MBM29F160TE70TR Datasheet HTML 1Page - SPANSION MBM29F160TE70TR Datasheet HTML 2Page - SPANSION MBM29F160TE70TR Datasheet HTML 3Page - SPANSION MBM29F160TE70TR Datasheet HTML 4Page - SPANSION MBM29F160TE70TR Datasheet HTML 5Page - SPANSION MBM29F160TE70TR Datasheet HTML 6Page - SPANSION MBM29F160TE70TR Datasheet HTML 7Page - SPANSION MBM29F160TE70TR Datasheet HTML 8Page - SPANSION MBM29F160TE70TR Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
MBM29F160TE70/90/MBM29F160BE70/90
3
s
s
s
s FEATURES
•0.23
µm Process Technology
• Single 5.0 V read, program and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP (1) (Package suffix: TN-Normal Bend Type, TR-Reversed Bend Type)
• Minimum 100,000 program/erase cycles
• High performance
55 ns maximum access time
• Sector erase architecture
One 8K word, two 4K words, one 16K word, and thirty-one 32K words sectors in word mode
One 16K byte, two 8K bytes, one 32K byte, and thirty-one 64K bytes sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically programs and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
•Low VCC write inhibit
≤ 4.2 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Hardware RESET pin
Resets internal state machine to the read mode
• Sector protection
Hardware method disables any combination of sectors from program or erase operations
• Temporary sector unprotection
Temporary sector unprotection via the RESET pin
• In accordance with CFI (Common Flash Memory Interface)
•WP Input pin (Hardware Protect)
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
At VIH, allows removal of boot sector protection
At open, allows removal of boot sector protection (MBM29F160TE/BE)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29F160TE70TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55 FUJITSU-MBM29F160TE-55 Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55PFTN FUJITSU-MBM29F160TE-55PFTN Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55PFTR FUJITSU-MBM29F160TE-55PFTR Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29F160TE-55TN FUJITSU-MBM29F160TE-55TN Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
More results

Similar Description - MBM29F160TE70TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com