Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV400TC-55PFTR Datasheet(PDF) 9 Page - SPANSION

Part # MBM29LV400TC-55PFTR
Description  FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV400TC-55PFTR Datasheet(HTML) 9 Page - SPANSION

Back Button MBM29LV400TC-55PFTR Datasheet HTML 5Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 6Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 7Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 8Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 9Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 10Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 11Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 12Page - SPANSION MBM29LV400TC-55PFTR Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
MBM29LV400TC-55/70/90/MBM29LV400BC-55/70/90
9
s DEVICE BUS OPERATIONS
MBM29LV400TC/400BC User Bus Operations Table (BYTE = VIH)
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See “sDC CHARACTERISTICS” for voltage levels.
*1: Manufacturer and device codes are accessed via a command register write sequence. See “MBM29LV400TC/
400BC Standard Command Definitions Table” in sDEVICE BUS OPERATIONS.
*2: Refer to “7. Sector Protection” in sFUNCTIONAL DESCRIPTION.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC = 3.3 V ± 10%
*5: Also used for the extended sector protection.
MBM29LV400TC/400BC User Bus Operations (BYTE = VIL)
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See “sDC CHARACTERISTICS” for voltage levels.
*1: Manufacturer and device codes are accessed via a command register write sequence. See “MBM29LV400TC/
400BC Standard Command Definitions Table” in sDEVICE BUS OPERATIONS.
*2: Refer to “7. Sector Protection” in sFUNCTIONAL DESCRIPTION.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC = 3.3 V ± 10%
*5: Also used for the extended sector protection.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to DQ15
RESET
Auto-Select Manufacturer Code *1
LL
H
LLL
VID
Code
H
Auto-Select Device Code *1
LL
H
H
LL
VID
Code
H
Read *3
LL
H
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXX
High-Z
H
Output Disable
L
H
H
X
X
X
X
High-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Protection *2, *4
LVID
LHL
VID
XH
Verify Sector Protection *2, *4
L
L
HLHL
VID
Code
H
Temporary Sector Unprotection*5
XXXXXXX
X
VID
Reset (Hardware)/Standby
XXXXXXX
High-Z
L
Operation
CE
OE
WE
DQ15/
A-1
A0
A1
A6
A9
DQ0 to DQ7 RESET
Auto-Select Manufacturer Code *1
LL
H
L
LLL
VID
Code
H
Auto-Select Device Code *1
LL
H
L
H
L
L
VID
Code
H
Read *3
LL
H
A-1
A0
A1
A6
A9
DOUT
H
Standby
H
XX
X
XXXX
High-Z
H
Output Disable
L
H
H
X
XXXX
High-Z
H
Write (Program/Erase)
L
H
L
A-1
A0
A1
A6
A9
DIN
H
Enable Sector Protection *2, *4
LVID
LL
H
L
VID
XH
Verify Sector Protection *2, *4
LL
H
L
L
H
L
VID
Code
H
Temporary Sector Unprotection *5
XXX
X
XXXX
X
VID
Reset (Hardware)/Standby
XXX
X
XXXX
High-Z
L


Similar Part No. - MBM29LV400TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400TC-12 FUJITSU-MBM29LV400TC-12 Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC-12PBT FUJITSU-MBM29LV400TC-12PBT Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC-12PCV FUJITSU-MBM29LV400TC-12PCV Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC-12PF FUJITSU-MBM29LV400TC-12PF Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC-12PFTN FUJITSU-MBM29LV400TC-12PFTN Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400TC-55PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com