Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV400BC-90PF Datasheet(PDF) 11 Page - SPANSION

Part # MBM29LV400BC-90PF
Description  FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV400BC-90PF Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29LV400BC-90PF Datasheet HTML 7Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 8Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 9Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 10Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 11Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 12Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 13Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 14Page - SPANSION MBM29LV400BC-90PF Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
MBM29LV400TC-55/70/90/MBM29LV400BC-55/70/90
11
MBM29LV400TC/BC Extended Command Definitions
SPA : Sector address to be protected. Set sector address (SA) and (A6, A1, A0) = (0, 1, 0).
SD : Sector protection verify data. Output 01h at protected sector addresses and output 00h at unprotected
sector addresses.
*1: This command is valid while Fast Mode.
*2: This command is valid while RESET= VID.
*3: This data “00h” is also acceptable.
MBM29LV400TC/400BC Sector Protection Verify Autoselect Codes
*1: A-1 is for Byte mode. In byte mode, DQ8 to DQ14 become “High-Z” and DQ15 becomes the lower address A-1.
*2: Outputs 01h at protected sector addresses and outputs 00h at unprotected sector addresses.
Extended Autoselect Code Table
(B): Byte mode
(W): Word mode
HI-Z : High-Z
* : At Byte mode, DQ8 to DQ14 are High-Z and DQ15 is A-1, the lowest address.
Command
Sequence
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Set to
Fast Mode
Word
3
555h
AAh
2AAh
55h
555h
20h
Byte
AAAh
555h
AAAh
Fast Program *1
Word
2
XXXh
A0h
PA
PD
Byte
XXXh
Reset from Fast
Mode *1
Word
2
XXXh
90h
XXXh
F0h *3
————
Byte
XXXh
XXXh
Extended Sector
Protect *2
Word
4
XXXh
60h
SPA
60h
SPA
40h
SPA
SD
Byte
Type
A12 to A17
A6
A1
A0
A-1*1
Code (HEX)
Manufacture’s Code
X
VIL
VIL
VIL
VIL
04h
Device Code
MBM29LV400TC
Byte
XVIL
VIL
VIH
VIL
B9h
Word
X
22B9h
MBM29LV400BC
Byte
XVIL
VIL
VIH
VIL
BAh
Word
X
22BAh
Sector Protection
Sector
Addresses
VIL
VIH
VIL
VIL
01h*2
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer’s Code
04h A-1/0
00000
0000000100
Device
Code
MBM29
LV400TC
(B)*
B9h A-1
HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
10111001
(W) 22B9h
001000
1010111001
MBM29
LV400BC
(B)*
BAh A-1
HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
10111010
(W) 22BAh
001000
1010111010
Sector Protection
01h A-1/0
00000
0000000001


Similar Part No. - MBM29LV400BC-90PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400BC-90PF FUJITSU-MBM29LV400BC-90PF Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-90PFTN FUJITSU-MBM29LV400BC-90PFTN Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-90PFTR FUJITSU-MBM29LV400BC-90PFTR Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-90PF

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com