Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV400BC-55PFTN Datasheet(PDF) 2 Page - SPANSION

Part # MBM29LV400BC-55PFTN
Description  FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV400BC-55PFTN Datasheet(HTML) 2 Page - SPANSION

  MBM29LV400BC-55PFTN Datasheet HTML 1Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 2Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 3Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 4Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 5Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 6Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 7Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 8Page - SPANSION MBM29LV400BC-55PFTN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MBM29LV400TC-55/70/90/MBM29LV400BC-55/70/90
2
(Continued)
• Embedded EraseTM* Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Sector protection
Hardware method disables any combination of sectors from program or erase operations
• Sector Protection set function by Extended sector Protect command
• Fast Programming Function by Extended Command
• Temporary sector unprotection
Temporary sector unprotection via the RESET pin
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.
s
s
s
s PACKAGES
48-pin plastic TSOP (1)
(FPT-48P-M19)
48-pin plastic TSOP (1)
(FPT-48P-M20)
44-pin plastic SOP
(FPT-44P-M16)
Marking Side
Marking Side
Marking Side
48-pin plastic CSOP
(LCC-48P-M03)
48-pin plastic FBGA
(BGA-48P-M11)
48-pin plastic SCSP
(WLP-48P-M02)


Similar Part No. - MBM29LV400BC-55PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400BC-12 FUJITSU-MBM29LV400BC-12 Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PBT FUJITSU-MBM29LV400BC-12PBT Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PCV FUJITSU-MBM29LV400BC-12PCV Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PF FUJITSU-MBM29LV400BC-12PF Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29LV400BC-12PFTN FUJITSU-MBM29LV400BC-12PFTN Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400BC-55PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com