Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128J0PBFW01 Datasheet(PDF) 9 Page - SPANSION

Part # WS128J0PBFW01
Description  128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

WS128J0PBFW01 Datasheet(HTML) 9 Page - SPANSION

Back Button WS128J0PBFW01 Datasheet HTML 5Page - SPANSION WS128J0PBFW01 Datasheet HTML 6Page - SPANSION WS128J0PBFW01 Datasheet HTML 7Page - SPANSION WS128J0PBFW01 Datasheet HTML 8Page - SPANSION WS128J0PBFW01 Datasheet HTML 9Page - SPANSION WS128J0PBFW01 Datasheet HTML 10Page - SPANSION WS128J0PBFW01 Datasheet HTML 11Page - SPANSION WS128J0PBFW01 Datasheet HTML 12Page - SPANSION WS128J0PBFW01 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
May 11, 2006 S29WS-J_00_A6
S29WS128J/064J
9
D a ta
Sh eet
Connection Diagram
A7
A3
A2
DQ8
DQ14
RFU
RFU
ACC
WE#
A8
A11
C3
C4
C5
C6
C7
C8
A6
RFU
RESET#
RFU
A19
A12
A15
D2
D3
D4
D5
D6
D7
D8
D9
A5
A18
RDY
A20
A9
A13
A21
E2
E3
E4
E5
E6
E7
E8
E9
A1
A4
A17
A10
A14
A22
F2
F3
F4
F7
F8
F9
VSS
DQ1
A0
DQ6
RFU
A16
G3
G4
G2
G7
G8
G9
CE#f1
DQ0
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
RFU
H2
H3
H4
H5
H6
H7
H8
H9
DQ10
VCC
RFU
DQ12
DQ7
VSS
J2
J3
J4
J5
J6
J7
J8
J9
DQ2
DQ11
RFU
DQ5
K3
K8
K4
K5
K6
K7
RFU
RFU
F5
RFU
RFU
G5
F6
G6
RFU
CLK
RFU
RFU
RFU
RFU
B3
B4
B5
B6
B7
B8
RFU
RFU
VCC
RFU
RFU
RFU
L3
L4
L5
L6
L7
L8
B2
B9
C9
C2
K2
K9
L9
L2
AVD#
RFU
RFU
RFU
RFU
WP#
RFU
RFU
A1
A10
M1
M10
NC
NC
NC
NC
S29WS128J-MCP Compatible
84-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)


Similar Part No. - WS128J0PBFW01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128J0PBFW01

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS128H AMD-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM29BDS128H SPANSION-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com