Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE32484A Datasheet(PDF) 2 Page - NEC

Part # NE32484A
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE32484A Datasheet(HTML) 2 Page - NEC

  NE32484A Datasheet HTML 1Page - NEC NE32484A Datasheet HTML 2Page - NEC NE32484A Datasheet HTML 3Page - NEC NE32484A Datasheet HTML 4Page - NEC NE32484A Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.00
0.30
24.91
0.88
13.00
0.33
2.00
0.31
23.05
0.82
28.00
0.31
4.00
0.32
20.13
0.71
59.00
0.26
6.00
0.37
16.23
0.60
82.00
0.20
8.00
0.43
13.95
0.50
106.00
0.13
10.00
0.51
12.52
0.40
131.00
0.09
12.00
0.60
11.41
0.33
159.00
0.06
14.00
0.72
10.70
0.28
-166.00
0.05
16.00
0.86
10.29
0.28
-132.00
0.04
18.00
1.00
10.22
0.31
-104.00
0.04
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
200
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PT
Total Power Dissipation
mW
165
Note:
1. Operation in excess of anyone of these parameters may result in
permanent damage.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TRANSCONDUCTANCE vs.
DRAIN CURRENT
Drain Current, IDS (mA)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Drain to Source Voltage, VDS (V)
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Drain Current, IDS (mA)
NOISE FIGURE AND
ASSOCIATED GAIN vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
NE32484A
0
25
50
75
100
125
150
175
200
200
150
100
50
0
Free Air
Infinite
Heat sink
100
80
60
40
20
0
0
5
10
15
20
25
30
35
40
45
50
50
40
30
20
10
0
0
1.5
3.0
VGS
0
-0.1
-0.2
-0.3
-0.4
-0.5
(V)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
14
13
12
11
10
9
8
7
0
510
15
20
25
30
35
NF
GA
FREQ.
NFMIN
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
TYPICAL NOISE PARAMETERS (TA = 25˚C)
VC = 2 V, IDS =10 mA


Similar Part No. - NE32484A

ManufacturerPart #DatasheetDescription
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
logo
NEC
NE32484A-SL NEC-NE32484A-SL Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE32484A-SL RENESAS-NE32484A-SL Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
logo
NEC
NE32484A-T1 NEC-NE32484A-T1 Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32484A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com