Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJA1015-PCB Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # WJA1015-PCB
Description  5V Active-Bias InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJA1015-PCB Datasheet(HTML) 2 Page - WJ Communication. Inc.

  WJA1015-PCB Datasheet HTML 1Page - WJ Communication. Inc. WJA1015-PCB Datasheet HTML 2Page - WJ Communication. Inc. WJA1015-PCB Datasheet HTML 3Page - WJ Communication. Inc. WJA1015-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4
May 2007
WJA1015
+5V Active-Bias InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +5 V, Icc = 67 mA
1. Test conditions: T = 25 ºC, Supply Voltage = +5 V, Icc = 67 mA typical, 50
Ω System.
2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Gainvs. Frequency
T=25°C
10
12
14
16
18
0
1000
2000
3000
4000
Frequency(MHz)
ReturnLoss
T=25°C
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
Frequency(MHz)
S11
S22
OIP3 vs. Frequency
Pout=0dBm/tone
20
25
30
35
40
500
1000
1500
2000
2500
Frequency(MHz)
+25C
Noise Figure vs. Frequency
T=25°C
2
3
4
5
6
0
500
1000
1500
2000
2500
Frequency(MHz)
Gainvs. Pout
f=900MHz
8
10
12
14
16
10
12
14
16
18
20
Pout (dBm)


Similar Part No. - WJA1015-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1010 TRIQUINT-WJA1010 Datasheet
260Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1010-PCB WJCI-WJA1010-PCB Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1010 TRIQUINT-WJA1010_15 Datasheet
260Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results

Similar Description - WJA1015-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1510 WJCI-WJA1510 Datasheet
196Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1030 TRIQUINT-WJA1030 Datasheet
179Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1000 WJCI-WJA1000 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com