Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJZ1020 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # WJZ1020
Description  Broadband Surface Mount Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJZ1020 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  WJZ1020 Datasheet HTML 1Page - WJ Communication. Inc. WJZ1020 Datasheet HTML 2Page - WJ Communication. Inc. WJZ1020 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 3 of 3 April 2007
WJZ1020
Broadband Surface Mount Mixer
Mechanical Information
This package is lead-free/RoHS-compliant. The plating material is lead-free Tin (Sn).
It is compatible with lead-free (maximum 260
qC reflow temperature) and recommend 245qC reflow temperature soldering processes.
Also recommend adding active flux of 2% during solder reflow.
Application Circuit
Notes:
1.
Circuit board material: .021” FR-4, 2 layers, .025” total thickness
2.
Blocking capacitors are required on the ports (pins 4, 6, 8) if any dc signal is present.
Outline Drawing
Land Pattern / Mounting Configuration
Notes:
1. Ground vias are critical for RF grounding considerations.
2. A minimum of 12 ground vias underneath the device is required.
3. Trace width depends on the PC board material and thickness
Product Marking
The
component
will
be
marked
with
a
“WJZ1020”
designator
followed
by
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
Functional Pin Layout
Top view
Pin No.
Function
4
RF
6
IF
8
LO
1,2,3,5,7
Backside Metal
GND
WJZ1020
XXXX
1
2
3
7
6
5
8
4 RF
LO
IF
RF
LO
PIN 8
PIN 4
WJZ1020
IF
PIN 6


Similar Part No. - WJZ1020

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
WJZ1020H-PCB TRIQUINT-WJZ1020H-PCB Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
More results

Similar Description - WJZ1020

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
logo
List of Unclassifed Man...
SME1900-17 ETC-SME1900-17 Datasheet
1Mb / 4P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com