Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP934EB-2SRD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP934EB-2SRD
Description  T-1 (3mm) BI-LEVEL LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP934EB-2SRD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP934EB-2SRD Datasheet HTML 1Page - Kingbright Corporation WP934EB-2SRD Datasheet HTML 2Page - Kingbright Corporation WP934EB-2SRD Datasheet HTML 3Page - Kingbright Corporation WP934EB-2SRD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF0735
REV NO: V.3
DATE: MAY/19/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102002822
T-1 (3mm) BI-LEVEL LED INDICATOR
Part Number: WP934EB/2SRD
Super Bright Red
Features
PRE-TRIMMED LEADS FOR PC MOUNTING.
I.C. COMPATIBLE.
BLACK CASE ENHANCES CONTRAST RATIO.
HIGH RELIABILITY LIFE MEASURED IN YEARS.
WIDE VIEWING ANGLE.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP934EB-2SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP934EB-2GD KINGBRIGHT-WP934EB-2GD Datasheet
252Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934EB-2ID KINGBRIGHT-WP934EB-2ID Datasheet
253Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934EB-2YD KINGBRIGHT-WP934EB-2YD Datasheet
252Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
More results

Similar Description - WP934EB-2SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104ALUP-2SRD-0L KINGBRIGHT-WP7104ALUP-2SRD-0L Datasheet
317Kb / 5P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934CA-2GD-90 KINGBRIGHT-WP934CA-2GD-90 Datasheet
83Kb / 3P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934CA-2YD-90 KINGBRIGHT-WP934CA-2YD-90 Datasheet
91Kb / 3P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934GE-2ID KINGBRIGHT-WP934GE-2ID Datasheet
251Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934MD-2SRD KINGBRIGHT-WP934MD-2SRD Datasheet
252Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP130WCP-2EGW KINGBRIGHT-WP130WCP-2EGW Datasheet
304Kb / 5P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934CA-2ID-90 KINGBRIGHT-WP934CA-2ID-90 Datasheet
85Kb / 3P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934GE-2GD KINGBRIGHT-WP934GE-2GD Datasheet
250Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934GO-2YD KINGBRIGHT-WP934GO-2YD Datasheet
252Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934GE-2GD-RV KINGBRIGHT-WP934GE-2GD-RV Datasheet
359Kb / 5P
   T-1 (3mm) BI-LEVEL LED INDICATOR
WP934EB-2ID KINGBRIGHT-WP934EB-2ID Datasheet
253Kb / 4P
   T-1 (3mm) BI-LEVEL LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com