Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8504BE-CC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8504BE-CC
Description  1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8504BE-CC Datasheet(HTML) 4 Page - California Eastern Labs

  NX8504BE-CC Datasheet HTML 1Page - California Eastern Labs NX8504BE-CC Datasheet HTML 2Page - California Eastern Labs NX8504BE-CC Datasheet HTML 3Page - California Eastern Labs NX8504BE-CC Datasheet HTML 4Page - California Eastern Labs NX8504BE-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NX8504BE-CC, NX8504CE-CC
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
LONGITUDINAL MODE FROM FIBER
Time Base (500 ps/div.)
EYE DIAGRAM
10
1560.4
1550.4
1540.4
-70
-60
-50
-40
-30
-20
-10
0
622 Mb/s-NRZ, Ref = -14dB,
2 Vp-p (6 dB ATT), IB = ITH X 0.9
Wavelength, λ (nm)
ERROR RATE CHARACTERISTICS
back to back
after 200 km
TC = -40°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
back to back
after 200 km
TC = 25°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
back to back
after 200 km
TC = 85°C,
Ref = -14 dB,
622 Mbps-NRZ,
2 Vp-p,
IB = ITH X 0.9
10
-6
-34
-35
-36
-37
-38
-39
-40
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
-33
Average Received Power, P (dBm)
Remark: The graphs indicate nominal characteristics


Similar Part No. - NX8504BE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8504BE-CC CEL-NX8504BE-CC Datasheet
112Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
Renesas Technology Corp
NX8504BE-CC RENESAS-NX8504BE-CC Datasheet
249Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX8504BE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8504BE CEL-NX8504BE Datasheet
112Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7302BA-CC CEL-NX7302BA-CC Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX7303BA-CC CEL-NX7303BA-CC Datasheet
99Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
NX7303BA CEL-NX7303BA Datasheet
100Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
NX8300BE-CC CEL-NX8300BE-CC Datasheet
125Kb / 5P
   InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com