Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705X4DW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68HC705X4DW
Description  HCMOS Microcontroller Unit
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705X4DW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68HC705X4DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705X4DW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
Introduction
MC68HC05X4 Rev 1.0
Introduction
Features
Fully static design featuring the industry standard M68HC05 core
On-chip oscillator with divide-by-2 or divide-by-10 option
4096 bytes of ROM (MC68HC05X4);
4096 bytes EPROM
(MC68HC705X4)
176 bytes of RAM
Single chip and bootloader modes of operation
Power saving STOP and WAIT modes
Motorola controller area network module (MCAN) with line
interface circuitry (output drivers, input comparators, V
DD/2
generator)
Extended temperature range: – 40
°C to +125°C
16-bit programmable timer with input capture and output compare
Multi-purpose core timer with computer operating properly (COP)
watchdog and real time interrupt (RTI)
Four hardware and one software interrupt sources
16 bi-directional I/O lines with wired-OR interrupt (WOI) capability
Mask options for oscillator division ratio and COP disable
28-pin SOIC package
2-intro
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC705X4DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705X4DW MOTOROLA-MC68HC705X4DW Datasheet
864Kb / 156P
   HCMOS Microcontroller Unit
More results

Similar Description - MC68HC705X4DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com