Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1910.5W4K7161BM Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WS1910.5W4K7161BM
Description  Carbon Composition Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WS1910.5W4K7161BM Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WS1910.5W4K7161BM Datasheet HTML 1Page - Sharma Electro Components,Inc WS1910.5W4K7161BM Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feature
Hot Molded / Industrial / Sealed
Locking-Bushing/ Standard-Bushing
Meet MIL-R-94
Electrical Characteristics
Standard Resistance Range
…………
A: 100ohm~4M7ohm
…………….
B/C: 1KΩ~470KΩ
Resistance tolerance …………………
±10%;±20%
Absolute Minimum Resistance……………
15ohms
(for total resistance value of 100 to 820 ohms inclusive)
………………… ≤15%
(for total resistance value of 1K to 4700K ohms inclusive)
…………………….. 5%
Contact Resistance Variation ……..………………≤5%
Insulation resistance (100VDC) ……
1000Mohm (min)
Power Rating
70℃.…………………………………………...
A: 1Watt
……………
B/C: 0.5Watt
125℃.………………………………………….…
.0Watt
Limit voltage………………………………… .…
A:350V
…………
B、C:
250V
Withstand Voltage………………….………
1300Vdc
Environmental Characteristics
Temperature Range………………
- 55℃ to +125℃
Vibration-……………………………………….…
15G
Shock…………………………………….…….…
100G
Load Life at 70℃…………………….……
1000 hours
………
R/R≤±10%
Rotational Life
Standard---Bushing Type………………….
25000cycles
Locking ----Bushing Type……………………
500cycles
Mechanical Characteristics
Total mechanical travel
………………………
≥290°
Starting torque
………………………….
4~25mN·m
Continued on the following page
WS19-1
WS19-2
WS19-4
WS19-1F
WS19-3
WS19-1A
WS19 Carbon Composition Potentiometer
Sharma Potentiometers
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - WS1910.5W4K7161BM

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HCAN-L01-M4 ASM-SENSOR-WS19KT-15000-HCAN-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HDEV-L01-M4 ASM-SENSOR-WS19KT-15000-HDEV-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
WS19KT-15000-HINT-L01-M4 ASM-SENSOR-WS19KT-15000-HINT-L01-M4 Datasheet
760Kb / 12P
   Absolute Encoder Output
More results

Similar Description - WS1910.5W4K7161BM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com