Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP937GGD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP937GGD
Description  T-1(3mm) BI-POLAR INDICATOR LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP937GGD Datasheet(HTML) 2 Page - Kingbright Corporation

  WP937GGD Datasheet HTML 1Page - Kingbright Corporation WP937GGD Datasheet HTML 2Page - Kingbright Corporation WP937GGD Datasheet HTML 3Page - Kingbright Corporation WP937GGD Datasheet HTML 4Page - Kingbright Corporation WP937GGD Datasheet HTML 5Page - Kingbright Corporation WP937GGD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF2632
REV NO: V.2
DATE: MAY/18/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101008564
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP937GGD
Green (GaP)
GREEN DIFFUSED
4
15
Green (GaP)
4
15
60
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Similar Part No. - WP937GGD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP937GYW KINGBRIGHT-WP937GYW Datasheet
458Kb / 7P
   T-1(3mm) ROUND BI-COLOR LED LAMP
More results

Similar Description - WP937GGD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-10CXJ LITEON-LTL-10CXJ Datasheet
481Kb / 4P
   T-1 (3mm) Bi-Polar Indicator LED Lamp
logo
SunLED Corporation
LMDKVG34M SUNLED-LMDKVG34M Datasheet
216Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP115VEYW KINGBRIGHT-WP115VEYW_15 Datasheet
349Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
107Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
462Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VGYW KINGBRIGHT-WP115VGYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WEYW KINGBRIGHT-WP115WEYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP3VEYW KINGBRIGHT-WP3VEYW Datasheet
463Kb / 7P
   T-1(3mm) BI-COLOR INDICATOR LAMP
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com