Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

WP1034YDT Datasheet(HTML) 4 Page - Kingbright Corporation

Part No. WP1034YDT
Description  2mm FLAT TOP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

WP1034YDT Datasheet(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
SPEC NO: DSAF2527
REV NO: V.1
DATE: APR/18/2005
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1101000357
PACKING & LABEL SPECIFICATIONS
WP1034YDT
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WP13GD2mm FLAT TOP LED LAMP 1 2 3 Kingbright Corporation
WP13HD2mm FLAT TOP LED LAMP 1 2 3 Kingbright Corporation
WP13ID2mm FLAT TOP LED LAMP 1 2 3 Kingbright Corporation
WP13YD2mm FLAT TOP LED LAMP 1 2 3 Kingbright Corporation
WP1034GDT2mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation
WP1034HDT2mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation
WP1034IDT2mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation
WP443EDT2.4mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation
WP443GDT2.4mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation
WP443HDT2.4mm FLAT TOP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn