Electronic Components Datasheet Search |
|
SNPO1R5D050B0 Datasheet(PDF) 5 Page - Sharma Electro Components,Inc |
|
SNPO1R5D050B0 Datasheet(HTML) 5 Page - Sharma Electro Components,Inc |
5 / 12 page SX7R Series APPLICATION: FEATURES: GENERAL SPECIFICATIONS: The SX7R series has a moderate K temperature • Stable electrical characteristics Operating temperature: -55 to +125 °C compensating type of capacitance dielectric and is Temperature coefficient: ±15% value change temperature stable. It shows moderate change • High capacitance and miniature size Capacitance tolerance: ±10% standard, in electrical properties under changing temperature, ±20% optional voltage and frequency conditions. The series is suitable • Available in bulk and tape & reel Capacitance range: 10pF to 4.7uF for by-passing, coupling, and frequency discriminating packaging Voltage range: 6.3V to 4KV DC circuit applications. Dielectric withstanding voltage: 2 times Typically used in computer and data processing • Low and high voltage options the working VDC for 5 seconds products and equipment. It offers Case code range: 0402 to 3035 relatively stable characteristics at a lower cost • Consistent dimensions and surface finish consideration than the SNPO series. This series has higher capacitance range options than the SNPO range. • Nickel barrier terminations Note: See Reliability and Test Conditions page for more specifications X7R DIELECTRIC CAPACITANCE RANGE Tolerance: (K) standard Optional: (M) Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 6.3V .001-.0068uF .0082-1uF 1-4.7uF 10V 150pF-.033uF .12-.22uF .1-.47uF 1-4.7uF 16V 150pF-.033uF .12-.22uF .1-.47uF 1000pF-1uF 10pF-2.2uF 25V 150pF-.022uF .01-.1uF 220pF-1uF 1000pF-1uF 10pF-2.2uF .01-.47uF .01-1uF .01-2.2uF 50V 150pF-.01uF 150pF-.056uF 10pF-1uF 330pF-1uF 10pF-2uF .01-.33uF .01-1uF .01-2.2uF 100V 100pF-.01uF 10pF-.1uF 10pF-.33uF 10pF-.22uF 150pF-.22uF 150pF-.47uF 150pF-1.2uF 6800pF-1uF .01-1uF 200V 100pF-.068uF 10pF-.022uF 10pF-.068uF 10pF-.1uF 150pF-.1uF 150pF-.22uF 150pF-.47uF 6800pF-1uF 250V 100-4700pF 10pF-.022uF 10pF-.047uF 10pF-.1uF 150pF-.1uF 150pF-.15uF 150pF-.47uF 6800pF-1uF 500V 10pF-.01uF 10pF-.026uF 150pF-.068uF 150pF-.047uF 150pF-.1uF 150pF-.39uF 1000pF-1uF 1KV 10pF-.01uF 150pF-.015uF 150pF-.022uF 150pF-.027uF 150pF-.056uF .0027-.047uF 2KV 10pF-.027uF 150pF-.01uF 150pF-.01uF 150pF-.01uF 150pF-.047uF .001-.022uF 3KV 150-4700pF 150-2200pF 150-6800pF 1000-6800pF 4KV 150-2000pF 150-1500pF 150-3900pF .001-.01uF Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval. Voltage/Case Code Options X7R is a moderately stable dielectric under changing temperature, voltage and frequency conditions. This dielectric has moderate value of temperature coefficient. The temperature coefficient characteristics is illustrated in Figure 2.1. Figure 2.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figure 2.3 and 2.4 respectively. X7R Characteristic Graphs FIGURE 2.1 FIGURE 2.2 FIGURE 2.3 FIGURE 2.4 Sharma Ceramic Capacitors Page 5 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |
Similar Part No. - SNPO1R5D050B0 |
|
Similar Description - SNPO1R5D050B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |