Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13191 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13191
Description  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13191_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
6
Freescale Semiconductor
5
Electrical Characteristics
5.1
Maximum Ratings
5.2
Recommended Operating Conditions
Table 1. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Power Supply Voltage
VBATT, VDDINT
-0.3 to 3.6
VDC
Digital Input Voltage
Vin
-0.3 to (VDDINT + 0.3)
RF Input Power
Pmax
10
dBm
Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Note: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
Note: ESD protection meets Human Body Model (HBM) = 2 kV. RF input/output pins have no ESD protection.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (VBATT = VDDINT)
1
1 If the supply voltage is produced by a switching DC-DC converter, ripple should be less than 100 mV peak-to-peak.
VBATT,
VDDINT
2.0
2.7
3.4
VDC
Input Frequency
fin
2.405
-
2.480
GHz
Ambient Temperature Range
TA
-40
25
85
°C
Logic Input Voltage Low
VIL
0-
30%
VDDINT
V
Logic Input Voltage High
VIH
70%
VDDINT
-VDDINT
V
SPI Clock Rate
fSPI
--
8.0
MHz
RF Input Power
Pmax
-
-
10
dBm
Crystal Reference Oscillator Frequency (±40 ppm over
operating conditions to meet the 802.15.4 Standard.)
fref
16 MHz Only


Similar Part No. - MC13191_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Similar Description - MC13191_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com