Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13191 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC13191
Description  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13191 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
Freescale Semiconductor
9
Figure 5 shows a typical AC parameter evaluation circuit.
Figure 5. AC Parameter Evaluation Circuit
Table 6. Digital Timing Specifications
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.
SPI timing parameters are referenced to Figure 7.)
Symbol
Parameter
Min
Typ
Max
Unit
T0
SPICLK period
125
nS
T1
Pulse width, SPICLK low
50
nS
T2
Pulse width, SPICLK high
50
nS
T3
Delay time, MISO data valid from falling SPICLK
15
nS
T4
Setup time, CE low to rising SPICLK
15
nS
T5
Delay time, MISO valid from CE low
15
nS
T6
Setup time, MOSI valid to rising SPICLK
15
nS
T7
Hold time, MOSI valid from rising SPICLK
15
nS
RST minimum pulse width low (asserted)
250
nS
J4
CLOCK Sel
1
2
MISO
R3
10k
RXD
J2
HEADER 10X2
SPI_CLK
GPIO1
L2
6.8nH
T2
2450BL15B200
R5
47k
GPIO2
R2
200
+
C2
220pF
U1
MC13192
20
22
3
5
7
19
24
18
17
4
6
8
23
21
1
2
IRQ
VDDINT
GND
PAO+
GND
CE
GPIO6
MISO
MOSI
GND
PAO-
GPIO4
GPIO5
VDDD
RFIN-
RFIN+
R1
47k
R6
47k
R4
47k
ABEL RESET
C7
10pF
+
C1
220pF
C4
9pF
C5
9pF
J3
Wake Up
1
2
ATTN
J6
SMA
2
J5
SMA
2
+
C3
220pF
GPIO2
J7
RESET
1
2
3
T1
2450BL15B200
CLKO
C8
10pF
MOSI
GPIO1
VCC
Y1
TSX-10A@16Mhz
Baud SEL
PA2
J1
MCU Interface
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
C6
0.1uF
RTXENi
L1
8.2nH
MCU RESET
CE
IRQ
RTXENi
16 MHz CLK


Similar Part No. - MC13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Similar Description - MC13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com