Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14467-1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC14467-1
Description  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC14467-1_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sensors
Freescale Semiconductor
3
MC14467-1
Table 2. Recommended Operating Conditions
(Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
9.0
V
Timing Capacitor
0.1
µF
Timing Resistor
8.2
M
Battery Load (Resistor or LED)
10
mA
Table 3. Electrical Characteristics
(Voltages referenced to VSS, TA = 25°C)
Characteristic
Symbol
VDD
VDC
Min
Typ(1)
1. Data labelled “Typ'' is not to be used for design purposes but is intended as an indication of the IC's potential performance.
Max
Unit
Operating Voltage
VDD
6.0
12
V
Output Voltage
Piezoelectric Horn Drivers (IOH = -16 mA)
Comparators (IOH = -30 µA)
Piezoelectric Horn Drivers (IOL = +16 mA)
Comparators (IOL = +30 µA)
VOH
VOL
7.2
9.0
7.2
9.0
6.3
8.5
8.8
0.1
0.9
0.5
V
V
Output Voltage - LED Driver, IOL = 10 mA
VOL
7.2
3.0
V
Output Impedance, Active Guard
Pin 14
Pin 16
LO-Z
HI-Z
9.0
9.0
10
1000
k
Operating Current (Rbias = 8.2 MΩ)
IDD
9.0
12.0
5.0
9.0
12.0
µA
Input Current - Detect (40% R.H.)
IIN
9.0
±1.0
pA
Internal Set Voltage
Low Battery
Sensitivity
VLOW
VSET
9.0
7.2
47
50
7.8
53
V
%VDD
Hysteresis
VHYS
9.0
75
100
150
mV
Offset Voltage (measured at Vin = VDD/2
Active Guard
Detect Comparator
VOS
9.0
9.0
± 100
± 50
mV
Input Voltage Range, Pin 8
VIN
VSS - 10
VDD + 10
V
Input Capacitance
CIN
5.0
pF
Common Mode Voltage Range, Pin 15
VCM
0.6
VDD - 2
V


Similar Part No. - MC14467-1_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Similar Description - MC14467-1_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com