Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14578 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC14578
Description  CMOS Micro-Power Comparator plus Voltage Follower
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14578 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC14578 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14578 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensors
4
Freescale Semiconductor
MC14578
APPLICATIONS INFORMATION
Figure 3. Low-Battery Detector
EXAMPLE VALUES
Near the switchpoint, the comparator output in the circuit
of Figure 3. may chatter or oscillate. This oscillation appears
on the signal labelled OUTPUT. In some cases, the oscillation
in the transition region will not cause problems. For example,
an MPU reading OUTPUT could sample the signal two or
three times to ensure a solid level is attained. But, in a low
battery detector, this probably is not necessary.
To eliminate comparator chatter, hysteresis can be added
as shown in Figure 4.. The circuit of Figure 4. requires slightly
more operating current than the Figure 3. arrangement.
Figure 4. Adding Hysteresis
NOTE: IN + and IN – have very high input impedance. Interconnect to these pins should be as short as possible.
OUTPUT
Low-battery
Indicator
High = Battery Low
Low = Battery Ok
V +
V +
R1
R2
D1
R3
V +
R4
3.9 M
D2
R5
6.8 k
16
7
6
5
4
3
2
1
12
11
10
9
8
15
14
13
MC14578
VDD
COMP OUT
IN +
NC
IN A
IN B
OUT A
OUT B
IN C
OUT C1
NC
BUFF OUT
IN –
RBIAS
VSS
OUT C2
R1
R2
R3
Nominal Tip Point
470 k
1.3 M
20 k
4.08 V
820 k
1.2 M
39 k
5.05 V
1.2 M
1.2 M
62 k
6.00 V
12
R6
15
R7
2


Similar Part No. - MC14578

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145705DW MOTOROLA-MC145705DW Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145705P MOTOROLA-MC145705P Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145706DW MOTOROLA-MC145706DW Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
More results

Similar Description - MC14578

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
   Voltage Follower
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com