Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7104F3BT Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP7104F3BT
Description  T-1 (3mm) INFRA-RED EMITTING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104F3BT Datasheet(HTML) 4 Page - Kingbright Corporation

  WP7104F3BT Datasheet HTML 1Page - Kingbright Corporation WP7104F3BT Datasheet HTML 2Page - Kingbright Corporation WP7104F3BT Datasheet HTML 3Page - Kingbright Corporation WP7104F3BT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAF2296
REV NO: V.1
DATE: APR/15/2005
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1101008142
PACKING & LABEL SPECIFICATIONS
WP7104F3BT
Remarks:
If special sorting is required (e.g. binning based on forward voltage or radiant intensity),
the typical accuracy of the sorting process is as follows:
1. Radiant Intensity: +/-15%
2. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - WP7104F3BT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104F3C KINGBRIGHT-WP7104F3C Datasheet
407Kb / 6P
   T-1 (3mm) INFRARED EMITTING DIODE
More results

Similar Description - WP7104F3BT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3BT KINGBRIGHT-WP34F3BT Datasheet
129Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4C KINGBRIGHT-WP34SF4C Datasheet
112Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6C KINGBRIGHT-WP34SF6C Datasheet
106Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3C KINGBRIGHT-WP34F3C Datasheet
104Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4BT KINGBRIGHT-WP34SF4BT Datasheet
103Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6BT KINGBRIGHT-WP34SF6BT Datasheet
106Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
W34F3C KINGBRIGHT-W34F3C Datasheet
63Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF7BT KINGBRIGHT-WP34SF7BT Datasheet
121Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
L34F3C ETC-L34F3C Datasheet
100Kb / 4P
   T-1 INFRA-RED EMITTING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com