Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33285EF Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCZ33285EF
Description  Dual High-Side TMOS Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33285EF Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33285EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33285
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions TA from -40°C ≤ 125°C, VCC from 7 V ≤ 20 V, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OVER VOLTAGE AND OVER CURRENT
Load Dump Detection Time
t
LDDET
250
400
550
µs
Over Current Detection Time
tOCDET
520
800
1080
µs
OUT1 PIN 2, AND OUT2 PIN 4
Turn ON Time, OUT1: 8.0 nF, 10 µA; OUT2:16 nF, 10 µA
-7.0 V < VCC < 10 V, VOUT > VCC + 7.0
-10 V < VCC < 20 V, VOUT > VCC + 11
tON
1.5
1.5
ms


Similar Part No. - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33287EG FREESCALE-MCZ33287EG Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
MCZ33287R2 FREESCALE-MCZ33287R2 Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
More results

Similar Description - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com