Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33285EF Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33285EF
Description  Dual High-Side TMOS Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33285EF Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33285EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33285
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The power FETs are turned ON by charging their gate
capacities with a current flowing out of pins OUT1 and OUT2.
During PWM, the values of table below are guaranteed. They
are measured with 8.0 nF on OUT1 and 16 nF on OUT2. Test
condition VIN: ramp 0 V ≤ 2.5 V or 2.5 V ≤ 5.0 V.
Figure 4. Turn On Behavior
The output voltages at OUT1 and OUT2 are limited by
controlling the current sources ION1, ION2 to avoid current
flowing through the external or the internal zener diode.
When voltage power supply plus threshold voltage
(VCC + VTH) is reached, the current sources are turned OFF.
• Threshold VTH1 for OUT1 output voltage control is
7.0 V < VTH1 < VZ
• Threshold VTH2 for OUT2 output voltage control is
7.0 V < VTH2 < 15 V
Turn Off Characteristics
The power FETs on OUT1 and OUT2 are turned OFF by
discharging the gate capacity with the constant discharge
current IOUTOFF.
• Discharge current IOUTxOFF is IOUTxOFF = 110 µA
condition: VOUT x > 0.5 V ( VIN < VTHRxIN )
• Test conditions for switching OFF the power FETs:
1. IN open
2. Stages disabled via pin IN
3. Stage OUT1 disabled by an over current error
20 ms
2.5 V
5.0 V
IN
VCCP
THRIN1
THRIN2
IN
VOUT1
0 V
0 V
2.5 V
IN
0
2.5 V
0 V
5.0 V
VOUT2
IN
tON1
0
VVCC + 7.0
VOUT2
VOUT2MAX
tON2
tON3
VOUT1MAX
VOUT1
VOUT2
tON1 tON2
tON3
VOLTAGE VVCC
MINIMUM VOUT1, OUT2
AFTER TON1 = 100 µSEC
MINIMUM VOUT1,OUT2
AFTER TON2 = 1.0 µSEC
MINIMUM VOUT1,OUT2
AFTER TON3 = 1.5 µSEC
7.0 V < VVCC < 10 V
10 V < VVCC < 20 V
20 V < VVCC < 40 V
VVCC - 0.7 V
VVCC - 0.7 V
VVCC - 0.7 V
VVCC + 5.95 V
VVCC + 9.35 V
VVCC + 7.0 V
VVCC + 11 V


Similar Part No. - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33287EG FREESCALE-MCZ33287EG Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
MCZ33287R2 FREESCALE-MCZ33287R2 Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
More results

Similar Description - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com