Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33793A
Description  Distributed System Interface (DSI) Sensor Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33793A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33793
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
I/O Logic Output Levels
Output Low (IL = 1.0 mA)
Output High (IL = -500 µA)
VOL
VOH
0
0.8
0.08
0.985
0.5
1.0
V
VRO
LOGOUT Output Levels
Output Low (IL = 500 µA)
Output High (IL = -10 mA, 6.2 V < VH_CAP < 25 V)
Output High (IL = -100 µA, 6.2 V < VH_CAP < 25 V)
VLOL
VLOH1
VLOH2
0
4.7
0.2
5.0
0.5
5.3
VRO+0.5
V
Programming Time
From Positive Edge of BUSIN or BUSOUT > VTHH on Program
Command to Following Command Negative Transition < VTHH
TPROG
100
200
1000
ms
NVM BUSIN or BUSOUT Programming Voltage
NVMVP
22.25
30
V
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions -0.3 V
≤ V
BUSIN or VBUSOUT ≤ 30 V, 5.5 V < V
H_CAP < 30 V, -40°C < TA < 85°C unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 33793A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33793 MOTOROLA-33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
882Kb / 27P
   Distributed System Interface
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
More results

Similar Description - 33793A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com