Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33887EK Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33887EK
Description  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33887EK Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33887EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33887
PIN CONNECTIONS
Figure 5. 33887 Pin Connections
Table 3. SOICW-EP PIN DEFINITIONS
A functional description of each pin can be found in the Functional Pin DescriptionS section, page 21.
Pin
Pin Name
Formal Name
Definition
1–4, 51–54
PGND
Power Ground
High-current power ground.
5–7, 9, 14, 19–22,
27– 29, 33–36, 41,
46, 48–50
NC
No Connect
No internal connection to this pin.
8
D2
Disable 2
Active LOW input used to simultaneously tri-state disable both H-Bridge
outputs. When D2 is Logic LOW, both outputs are tri-stated.
10–13
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
15 –18, 37–40
V+
Positive Power Supply
Positive supply connections.
23
CCP
Charge Pump Capacitor
External reservoir capacitor connection for internal charge pump
capacitor.
24
D1
Disable 1
Active HIGH input used to simultaneously tri-state disable both H-Bridge
outputs. When D1 is Logic HIGH, both outputs are tri-stated.
25
IN2
Logic Input Control 2
Logic input control of OUT2 (i.e., IN2 logic HIGH = OUT2 HIGH).
26
EN
Enable
Logic input Enable control of device (i.e., EN logic HIGH = full operation,
EN logic LOW = Sleep Mode).
30
AGND
Analog Ground
Low-current analog signal ground.
31
FS
Fault Status for H-Bridge
Open drain active LOW Fault Status output requiring a pull-up resistor to
5.0 V.
32
IN1
Logic Input Control 1
Logic input control of OUT1 (i.e., IN1 logic HIGH = OUT1 HIGH).
PGND
NC
V+
V+
V+
V+
NC
NC
NC
NC
CCP
D1
IN2
EN
NC
NC
NC
OUT2
OUT2
OUT2
OUT2
NC
NC
D2
PGND
PGND
PGND
PGND
NC
V+
V+
V+
V+
NC
NC
NC
NC
IN1
FS
AGND
NC
NC
NC
NC
OUT1
OUT1
OUT1
OUT1
NC
NC
FB
PGND
PGND
PGND
54
40
.35
34
33
32
31
30
29
28
39
38
37
36
47
46
45
44
43
42
41
51
50
49
48
53
52
1
15
20
21
22
23
24
25
26
27
16
17
18
19
8
9
10
11
12
13
14
4
5
6
7
2
3
Transparent Top View of Package


Similar Part No. - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33887EK FREESCALE-MCZ33887EK Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MCZ33887EKR2 FREESCALE-MCZ33887EKR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MCZ33887EK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com