Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113BR6.35-YD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7113BR6.35-YD
Description  T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113BR6.35-YD Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7113BR6.35-YD Datasheet HTML 1Page - Kingbright Corporation WP7113BR6.35-YD Datasheet HTML 2Page - Kingbright Corporation WP7113BR6.35-YD Datasheet HTML 3Page - Kingbright Corporation WP7113BR6.35-YD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF2106
REV NO: V.2
DATE: MAY/04/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN:D.M.LIU
ERP:1102001497
Selection Guide
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 10mA
Viewing
Angle [1]
Min.
Typ.
2
θ 1/2
WP7113BR6.35/YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
5
20
30
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR= 5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Notes:
1.Wavelength: +/-1nm.
2.
Forward Voltage: +/-0.1V.


Similar Part No. - WP7113BR6.35-YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113BR6.35-GD KINGBRIGHT-WP7113BR6.35-GD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-ID KINGBRIGHT-WP7113BR6.35-ID Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-SGD KINGBRIGHT-WP7113BR6.35-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-SRD KINGBRIGHT-WP7113BR6.35-SRD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
More results

Similar Description - WP7113BR6.35-YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113BR9.52-ID KINGBRIGHT-WP7113BR9.52-ID Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-GD KINGBRIGHT-WP7113BR6.35-GD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-SGD KINGBRIGHT-WP7113BR6.35-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SRD KINGBRIGHT-WP7113BR9.52-SRD Datasheet
109Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR5.08-SGD KINGBRIGHT-WP7113BR5.08-SGD Datasheet
252Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR6.35-ID KINGBRIGHT-WP7113BR6.35-ID Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-SGD KINGBRIGHT-WP7113BR9.52-SGD Datasheet
108Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-YD KINGBRIGHT-WP7113BR9.52-YD Datasheet
138Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR5.08-SRD KINGBRIGHT-WP7113BR5.08-SRD Datasheet
253Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
WP7113BR9.52-GD KINGBRIGHT-WP7113BR9.52-GD Datasheet
107Kb / 4P
   T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com