Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7113PR51C-A Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7113PR51C-A
Description  T-1 3/4 (5mm) SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113PR51C-A Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7113PR51C-A Datasheet HTML 1Page - Kingbright Corporation WP7113PR51C-A Datasheet HTML 2Page - Kingbright Corporation WP7113PR51C-A Datasheet HTML 3Page - Kingbright Corporation WP7113PR51C-A Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF8057
REV NO: V.4
DATE: AUG/07/2006
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1101019001
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2
θ1/2
WP7113PR51C/A
CYAN (InGaN)
WATER CLEAR
900
2200
20
°
Parameter
Cyan
Units
Power dissipation
114
mW
DC Forward Current
30
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [1]
260°C For 3 Seconds
Lead Solder Temperature [2]
260°C For 5 Seconds
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
VF [1]
Forward Voltage
Cyan
3.3
3.8
V
IF=20mA
IR
Reverse Current
Cyan
10
uA
VR = 5V
X [2]
Chromaticity Coordinates
Cyan
0.18
Y [2]
0.39
C
Capacitance
Cyan
100
pF
VF=0V;f=1MHz
IF=20mA
Notes:
1. 2mm below package base.
2. 5mm below package base.
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous Intensity / Luminous Flux: +/-15%.
Notes:
1. Forward Voltage: +/-0.1V.
2. Chromaticity Coordinates X, Y: +/-0.03.


Similar Part No. - WP7113PR51C-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113P3BT KINGBRIGHT-WP7113P3BT Datasheet
314Kb / 5P
   PHOTOTRANSISTOR
WP7113P3BT-P22 KINGBRIGHT-WP7113P3BT-P22 Datasheet
654Kb / 4P
   Phototransistor
WP7113P3BT KINGBRIGHT-WP7113P3BT_15 Datasheet
310Kb / 6P
   PHOTOTRANSISTOR
WP7113P3C KINGBRIGHT-WP7113P3C Datasheet
84Kb / 3P
   PHOTOTRANSISTOR
WP7113P3C-P22 KINGBRIGHT-WP7113P3C-P22 Datasheet
658Kb / 4P
   Phototransistor
More results

Similar Description - WP7113PR51C-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63SRC KINGBRIGHT-WP63SRC_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63SRD KINGBRIGHT-WP63SRD_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63YT KINGBRIGHT-WP63YT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503SRD KINGBRIGHT-WP1503SRD_15 Datasheet
318Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LGD KINGBRIGHT-WP7113LGD_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LID KINGBRIGHT-WP7113LID_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LZGCK KINGBRIGHT-WP7113LZGCK_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com