Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4003H-T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4003H-T
Description  1 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4003H-T Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4003H-T Datasheet HTML 1Page - Micro Commercial Components 1N4003H-T Datasheet HTML 2Page - Micro Commercial Components 1N4003H-T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001H-T
THRU
1N4007H-T
1 Amp Rectifier
50 - 1000 Volts
DO-41
Features
Low Current Leakage
Metalurgically Bonded Construction
High Junction Temperature
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 25
°C/W Junction to Lead at 0.375"
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001
H-T
---
50V
35V
50V
1N4002
H-T
---
100V
70V
100V
1N4003
H-T
---
200V
140V
200V
1N4004
H-T
---
400V
280V
400V
1N4005
H-T
---
600V
420V
600V
1N4006
H-T
---
800V
560V
800V
1N4007
H-T
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
300
µA
TJ = 25
°C
TJ = 150
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
Revision: 2
2004/03/30
Maximum Reverse
Recovery Time
Trr
2.0us
IF=0.5A, IR=1.0A,
Irr=0.25A
Lead Length P.C.B. Mounted
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components


Similar Part No. - 1N4003H-T

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4003 EIC-1N4003 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Juxing Electr...
1N4003 JUXING-1N4003 Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
Central Semiconductor C...
1N4003 CENTRAL-1N4003 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
More results

Similar Description - 1N4003H-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4007-BP MCC-1N4007-BP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_11 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4001 YFWDIODE-1N4001 Datasheet
409Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_13 Datasheet
317Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001_15 Datasheet
203Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001 Datasheet
86Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com