Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33990EFR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCZ33990EFR2
Description  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33990EFR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33990EFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33990
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 7.0 V
≤ V
BAT ≤ 16 V, -40°C ≤ TA ≤ 125°C, SLEEP = 5.0 V unless otherwise noted.
Typical values reflect the parameter's approximate midpoint average value with VBAT = 13 V, TA = 25°C. All positive currents
are into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS (CONTINUED)
BUS Input Current with Loss of VBAT
VBUS = 9.0 V (see Figure 5)
IBUS(LOB)
0.5
mA
LOAD Output
IL = 6.0 mA
LON
0.07
0.2
V
Unpowered LOAD Output
VBAT = 0 V, IL = 6.0 mA
LDIO
0.3
0.67
0.9
V
TX
TX Input Voltage
VBUS ≤ 3.875 V
VBUS ≥ 3.875 V
VTx(IL)
VTx(IH)
3.5
2.27
2.27
0.8
V
TX Input Current
VTx = 5.0 V
VTx = 0 V
ITx(IH)
ITx(IL)
50
-2.0
120
-0.1
200
2.0
µA
LOOP
4X/LOOP Input Current
V4X/LOOP = 0 V (Normal Mode)
V4X/LOOP = 5.0 V (4X Mode)
I4X/LOOP(IL)
I4X/LOOP(IH)
-200
-95
95
200
µA
4X/LOOP Input Threshold (Tx = 4096 Hz square wave)
Normal Mode to Loopback Mode
Loopback Mode to 4X Mode
V4X/LOOP(IL)
V4X/LOOP(IH)
1.4
3.2
1.6
3.43
1.8
3.6
V
RX
RX Output Voltage Low
VBUS = 0 V, IRx = 1.6 mA
VRx(LOW)
0.01
0.18
0.4
V
RX Output Voltage High
VBUS = 7.0 V, IRx = -200 µA
VRx(HIGH)
4.25
4.48
4.75
V
RX Output Current
VRx = High; Short Circuit Protection Limits
IRx
2.0
5.9
8.0
mA
RX Sleep State Output Voltage
SLEEP
= 0 V, 0
≤ V
BUS ≤ 7.0 V
VRx
4.25
4.56
4.85
V
SLEEP
Input Current
VSLEEP = 0 V
VSLEEP = 5.0 V
ISLEEP(IL)
ISLEEP(IH)
1.0
-0.003
9.5
-2.0
20
µA


Similar Part No. - MCZ33990EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33990EF/R2 FREESCALE-MCZ33990EF/R2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
More results

Similar Description - MCZ33990EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com