Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33997DWR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC33997DWR2
Description  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33997DWR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33997DWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33997DWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 9.0 V VPWR 16 V, -40°C TJ = TA 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Supply Voltage Range
Normal Operating Voltage Range (Note 9)
Extended Operating Voltage Range (Note 9)
VPWR(N)
VPWR(E)
6.0
18
18
26.5
V
Maximum Transient Voltage - Load Dump (Note 10)
VPWR(LD)
40
V
VPWR Supply Current
EN = 5.0 V, VPWR = 14 V, No Loads
IVPWR
25
150
mA
VPWR Quiescent Supply Current
EN = 0 V, VPWR = 12 V
IQ_VPWR
5.0
15
µA
KA_VPWR Supply Current,
EN = 5.0 V, KA_VPWR = 14 V, No Load on VKAM
IKAVPWR
0.5
3.0
mA
KA_VPWR Quiescent Supply Current
EN = 0 V, KA_VPWR = 12 V
IQ_KAVPWR
50
350
µA
BUCK REGULATOR VDDH
Buck Converter Output Voltage
IVDDH = 200 mA to 1.4 A, VPWR = KA_VPWR = 14 V
VDDH
4.9
5.1
V
Buck Converter Output Voltage
IVDDH = 1.4 A, VPWR = KA_VPWR = 6.0 V
VDDH
4.9
5.1
V
VDDH Line Regulation
VPWR = KA_VPWR = 10 V to 14 V, IVDDH = 200 mA
RegLnVDDH
-20
30
mV
VDDH Load Regulation
VPWR = KA_VPWR = 14 V, IVDDH = 200 mA to 1.4 A
VPWR = KA_VPWR = 6.0 V, IVDDH = 200 mA to 1.4 A
RegLdVDDH
-20
-20
20
20
mV
VDDH Active Discharge Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IVDDH = 10 mA
RHDisch
1.0
15
P-CHANNEL MOSFET
Drain-Source Breakdown Voltage—Not Tested (Note 11)
BVDSS
45
V
Drain-Source Current Limit—Not Tested (Note 11)
IscSW1
-7.0
A
Notes
9.
VDDH is fully functional when the 33997 is operating at higher battery voltages, but these parameters are not tested. The test condition as are:
a) VDDH must be between 4.9 V and 5.1 V (200 mA to 1.4 A) for VPWR = 14 V to 18 V.
b) VDDH must be between 4.8 V and 5.5 V (200 mA to 1.4 A) for VPWR = 18 V to 26.5 V.
10.
Part can survive, but no parameters are guaranteed.
11.
Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33997DWR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33997DW MOTOROLA-MC33997DW Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
MC33997DW/R2 MOTOROLA-MC33997DW/R2 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
More results

Similar Description - MC33997DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com